Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAHE0.5M Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MAHE0.5M
Description  Surface Mount Ultra Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MAHE0.5M Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MAHE0.5M Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MAHE0.5M Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MAHE0.5M Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAHE0.5A~MAHE0.5M
Features
Low profile package
Ideal for automated placement
Glass passivated chip junctions
Ultrafast reverse recovery time
Low switching losses, high efficiency
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
IF(AV)
0.5 A
VRRM
50 V to 1000 V
IFSM
15 A
trr
50nS, 75nS
VF
1.0 V, 1.3 V, 1.7 V
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Operating junction and storage temperature
range
TJ,TSTG
Maximum average forward rectified current
IF(AV)
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
Thermal resistance from junction to lead
(1)
RθJL
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Tj max.
150 °C
MAHE
0.5A
MAHE
0.5B
MAHE
0.5D
MAHE
0.5G
Items
Symbol
MAHE
0.5J
MAHE
0.5K
MAHE
0.5M
UNIT
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
0.5
A
15
A
35
/W
–55 to +150
Items
Test conditions
Symbol
MAHE0.5A~
MAHE0.5D
MAHE0.5G
MAHE0.5J~
MAHE0.5M
μA
UNIT
Instantaneous forward voltage
IF=0.5A
(2)
VF
V
1.3
1.0
1.7
75
Reverse current
VR=VDC
Tj=25℃
Tj=125℃
IR
5
100
50
nS
Typical junction capacitance
4.0V,1.0MHz
CJ
11
8
pF
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
http://www.trr-jx.com
Surface Mount Ultra Fast Rectifiers


Similar Part No. - MAHE0.5M

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MAHE1A JUXING-MAHE1A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE1B JUXING-MAHE1B Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE1D JUXING-MAHE1D Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE1G JUXING-MAHE1G Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
MAHE1J JUXING-MAHE1J Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
More results

Similar Description - MAHE0.5M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
   Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com