Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER106 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # HER106
Description  HIGH EFFICIENT RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HER106 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  HER106 Datasheet HTML 1Page - EIC discrete Semiconductors HER106 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( HER101 - HER108 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Page 2 of 2
Rev. 01 : April 2, 2002
60Hz RESISTIVE OR INDUCTIVE LOAD
0.8
0.6
0.4
0.2
1.0
100
10
1.0
24
0
30
0
18
12
6
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
Pulse W idth = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
Ta = 50
°C
HER101-HER105
HER106-HER108
50 Vdc
(approx.)
D.U.T.
OSCILLOSCOPE
( NOTE 1 )
1
50
10
PULSE
GENERATOR
( NOTE 2 )
Trr
+ 0.5 A
0
- 0.25 A
- 1.0 A
1 cm
SET TIME BASE FOR 25-35 ns/cm
FORWARD VOLTAGE, VOLTS


Similar Part No. - HER106

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Nanjing International G...
HER106 DGNJDZ-HER106 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
HER106 PFS-HER106 Datasheet
167Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Leshan Radio Company
HER106 LRC-HER106 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
logo
Microdiode Electronics ...
HER106 CHENDA-HER106 Datasheet
587Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER106

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HER201 NJSEMI-HER201 Datasheet
157Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER501 NJSEMI-HER501 Datasheet
159Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HER251 EIC-HER251 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
SynSemi, Inc.
HER501 SYNSEMI-HER501 Datasheet
49Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HER201 EIC-HER201 Datasheet
49Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER301 EIC-HER301 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
SynSemi, Inc.
HER201 SYNSEMI-HER201 Datasheet
50Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
HER151 NJSEMI-HER151 Datasheet
154Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER251 NJSEMI-HER251 Datasheet
155Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HER151 EIC-HER151 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com