Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA200 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 3 Page - Texas Instruments

  INA200 Datasheet HTML 1Page - Texas Instruments INA200 Datasheet HTML 2Page - Texas Instruments INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS: CURRENT-SHUNT MONITOR
Boldface limits apply over the specified temperature range: TA = –40°C to +125°C.
At TA = +25°C, VS = +12V, VCM = +12V, VSENSE = 100mV, RL = 10kΩ to GND, RPULL-UP = 5.1kΩ connected from CMPOUT to
VS, and CMPIN = GND, unless otherwise noted.
INA200, INA201, INA202
CURRENT-SHUNT MONITOR PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Sense Input Voltage
VSENSE
VSENSE = VIN+ – VIN–
0.15
(VS – 0.25)/Gain
V
Common-Mode Input Range
VCM
–16
80
V
Common-Mode Rejection
CMR
VIN+ = –16V to +80V
80
100
dB
Over Temperature
VIN+ = +12V to +80V
100
123
dB
Offset Voltage, RTI(1)
VOS
±0.5
±2.5
mV
+25°C to +125°C
±3
mV
–40°C to +25°C
±3.5
mV
vs Temperature
dVOS/dT
TMIN to TMAX
5
mV/°C
vs Power Supply
PSR
VOUT = 2V, VIN+ = +18V, 2.7V
2.5
100
mV/V
Input Bias Current, VIN– Pin
IB
±9
±16
mA
OUTPUT (VSENSE ≥ 20mV)
Gain:
G
INA200
20
V/V
INA201
50
V/V
INA202
100
V/V
Gain Error
VSENSE = 20mV to 100mV
±0.2
±1
%
Over Temperature
VSENSE = 20mV to 100mV
±2
%
Total Output Error(2)
VSENSE = 120mV, VS = +16V
±0.75
±2.2
%
Over Temperature
VSENSE = 120mV, VS = +16V
±3.5
%
Nonlinearity Error(3)
VSENSE = 20mV to 100mV
±0.002
%
Output Impedance
RO
1.5
Maximum Capacitive Load
No Sustained Oscillation
10
nF
OUTPUT (VSENSE < 20mV)
(4)
INA200, INA201, INA202
–16V
≤ VCM < 0V
300
mV
INA200
0V
≤ VCM ≤ VS, VS = 5V
0.4
V
INA201
0V
≤ VCM ≤ VS, VS = 5V
1
V
INA202
0V
≤ VCM ≤ VS, VS = 5V
2
V
INA200, INA201, INA202
VS < VCM ≤ 80V
300
mV
VOLTAGE OUTPUT(5)
Output Swing to the Positive Rail
VIN– = 11V, VIN+ = 12V
(V+) – 0.15
(V+) – 0.25
V
Output Swing to GND(6)
VIN– = 0V, VIN+ = –0.5V
(VGND) + 0.004
(VGND) + 0.05
V
FREQUENCY RESPONSE
Bandwidth:
BW
INA200
CLOAD = 5pF
500
kHz
INA201
CLOAD = 5pF
300
kHz
INA202
CLOAD = 5pF
200
kHz
Phase Margin
CLOAD < 10nF
40
Degrees
Slew Rate
SR
1
V/ms
VSENSE = 10mVPP to 100mVPP,
Settling Time (1%)
2
ms
CLOAD = 5pF
NOISE, RTI
Voltage Noise Density
40
nV/
√Hz
(1)
Offset is extrapolated from measurements of the output at 20mV and 100mV VSENSE.
(2)
Total output error includes effects of gain error and VOS.
(3)
Linearity is best fit to a straight line.
(4)
For details on this region of operation, see the Accuracy Variations section in the Applications Information.
(5)
See Typical Characteristic curve Output Swing vs Output Current.
(6)
Specified by design.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA200 INA201 INA202


Similar Part No. - INA200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200 Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200-Q1 TI1-INA200-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
More results

Similar Description - INA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com