Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR125 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HVR125
Description  HIGH VOLTAGE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HVR125 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HVR125 Datasheet HTML 1Page - EIC discrete Semiconductors HVR125 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVR125 - HVR180
HIGH VOLTAGE
RECTIFIER DIODES
PRV : 2500 - 8000 Volts
Io : 0.5 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HVR
125
HVR
130
HVR
140
HVR
150
HVR
160
HVR
170
HVR
180
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
2500
3000
4000
5000
6000
7000
8000
Volts
Maximum RMS Voltage
VRMS
1750
2100
2800
3500
4200
4900
5600
Volts
Maximum DC Blocking Voltage
VDC
2500
3000
4000
5000
6000
7000
8000
Volts
Maximum Average Forward Current
Ta = 50
°C
IF(AV)
0.5
Amp.
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
30
Amps.
Maximum Peak Forward Voltage at IF = 1.0 Amp.
VF
3.3
5.0
8.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
UPDATE : JUNE 16, 1998
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - HVR125

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
HVR125 SYNSEMI-HVR125 Datasheet
30Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HVR125 EIC-HVR125 Datasheet
36Kb / 2P
   HIGH VOLTAGE
HVR125 EIC-HVR125_05 Datasheet
36Kb / 2P
   HIGH VOLTAGE
More results

Similar Description - HVR125

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA09-10 SUNMATE-ESJA09-10 Datasheet
388Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA59-12A SUNMATE-ESJA59-12A Datasheet
214Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com