Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS76222A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS76222A
Description  8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS76222A Datasheet(HTML) 6 Page - California Eastern Labs

  PS76222A Datasheet HTML 1Page - California Eastern Labs PS76222A Datasheet HTML 2Page - California Eastern Labs PS76222A Datasheet HTML 3Page - California Eastern Labs PS76222A Datasheet HTML 4Page - California Eastern Labs PS76222A Datasheet HTML 5Page - California Eastern Labs PS76222A Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PS7622A-2A
RECOMMENDED SOLDERING CONDITIONS
Recommended Temperature Profile of Infrared Reflow
(1) Infrared reflow soldering
Peak reflow temperature
235 ˚C (package surface temperature)
Time of temperature higher than 210 ˚C
30 seconds or less
Number of reflows
Two
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended
(2) Dip soldering
Temperature
260 ˚C or below (molten solder temperature)
Time
10 seconds or less
Number of times
One (Allowed to be dipped in solder including plastic
mold portion.)
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended.)
(3) Cautions
Fluxes
Avoid removing the residual flux with freon-based and chlorine-
based cleaning solvent.
Avoid shorting between portion of frame and leads.
Time (s)
100 to 160
˚C
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235
˚C (peak temperature)
210
˚C
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
10/30/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE
∗ : Portion of frame
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.


Similar Part No. - PS76222A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7622A-2A NEC-PS7622A-2A Datasheet
45Kb / 6P
   8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7622A-2A-F3 NEC-PS7622A-2A-F3 Datasheet
45Kb / 6P
   8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7622A-2A-F4 NEC-PS7622A-2A-F4 Datasheet
45Kb / 6P
   8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
More results

Similar Description - PS76222A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7622A-2A NEC-PS7622A-2A Datasheet
45Kb / 6P
   8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7221A-2A RENESAS-PS7221A-2A Datasheet
271Kb / 14P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7211-2A NEC-PS7211-2A Datasheet
69Kb / 12P
   8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2A CEL-PS7241-2A Datasheet
330Kb / 10P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com