Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G200N50W4 Datasheet(PDF) 1 Page - Anaren Microwave

Part # G200N50W4
Description  Flange Mount Termination 200 Watts, 50廓
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

G200N50W4 Datasheet(HTML) 1 Page - Anaren Microwave

  G200N50W4 Datasheet HTML 1Page - Anaren Microwave G200N50W4 Datasheet HTML 2Page - Anaren Microwave G200N50W4 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model G200N50W4
Features:
• RoHS Compliant
• 200 Watts
• DC - 2.2 GHz
• AlN Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
100% Tested
Flange Mount Termination
Description
The G200N50W4 is high performance Aluminum Nitride (AlN) flange
mount termination intended as a cost competitive alternative to Beryllium
Oxide (BeO). The termination is well suited to all cellular frequency bands
such as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power
handling makes the part ideal for terminating circulators and for use in
power combiners. The termination is also RoHS compliant!
General Specifications
Resistive Element
Thick Film
Substrate
AlN Ceramic
Mounting Flange
Nickel Plated Copper
Operating Temperature
-50 to +150
°C (see de rating chart)
Tolerance is
±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value:
50 Ohms,
± 2%
Power:
200 Watts
Frequency Range:
DC – 2.2 GHz
Return Loss
> 20 dB from DC to 2.2 GHz
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Specifications subject to change.
Outline Drawing
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
1 of 2
200 Watts, 50
Ω


Similar Part No. - G200N50W4

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Shenzhen Taychipst Elec...
G200 TAYCHIPST-G200 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
logo
TDK Electronics
G200-25-3P208 TDK-G200-25-3P208 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
G200-25-3P480 TDK-G200-25-3P480 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
More results

Similar Description - G200N50W4

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
G150N50W4A ANAREN-G150N50W4A Datasheet
316Kb / 2P
   Flange Mount Termination 150 Watts, 50廓
I100N50X4 ANAREN-I100N50X4 Datasheet
165Kb / 2P
   Flange Mount Termination 100 Watts, 50廓
C200N50Z4 ANAREN-C200N50Z4 Datasheet
160Kb / 3P
   Surface Mount Termination 200 Watts, 50廓
G250N50W4 ANAREN-G250N50W4 Datasheet
86Kb / 3P
   Flange Termination 250 Watts, 50廓
K100N50X4 ANAREN-K100N50X4 Datasheet
89Kb / 2P
   Half Flange Termination 100 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
   Surface Mount Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4_10 Datasheet
212Kb / 3P
   Surface Mount Termination 50 Watts, 50廓
C18A50Z4 ANAREN-C18A50Z4 Datasheet
177Kb / 2P
   Surface Mount Termination 18 Watts, 50廓
060120A15Z50-2 ANAREN-060120A15Z50-2 Datasheet
104Kb / 3P
   Surface Mount Termination 8 Watts, 50廓
C8A50Z4A ANAREN-C8A50Z4A Datasheet
103Kb / 3P
   Surface Mount Termination 8 Watts, 50廓
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com