Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN164AB220J7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BCN164AB220J7
Description  Sulphur resistant version available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCN164AB220J7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BCN164AB220J7 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 2Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCN164AB220J7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BCN Series
BCN
Electrical
Environmental
Construction
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
Standard Resistance Range,
Ohms
BCN06 2,BCN06 4, BCN2D, BCN4D, BCN10, BCN16 4:
BCN 16 8R / 8S:
BCN 31 8R / 8S:
BCN 21:
10 to 1 Megohm
100 to 1 Megohm
22 to 1 Megohm
68 to 220K
Standard Resistance Tolerance
±5% (J Tol.)
Optional: ±1% (F Tol.), BCN 4D, BCN 16 4, BCN31 8RB / 8SB Only
±2% (G Tol.), BCN 16 4, BCN31 8RB / 8SB Only
Operating Voltage, Maximum
BCN 4D:
BCN 2D, BCN 16 4, BCN 31 8R / 8S:
BCN 10, BCN 16 8R / 8S, BCN 21:
BCN 06 2, BCN 06 4:
75Vdc or
√pr
50Vdc or
√pr
25Vdc or
√pr
12.5Vdc or
√pr
Power Rating, watts at 70°C
BCN 2D:
BCN 4D:
BCN 06 2:
BCN 06 4:
BCN 10, BCN 164:
BCN 16 8R / 8S:
BCN 21, BCN 31 8R / 8S:
63mW per Resistor / 125mW per Package
125mW per Resistor / 500mW per Package
31mW per Resistor / 63mW per Package
31mW per Resistor / 125mW per Package
63mW per Resistor / 250mW per Package
32mW per Resistor / 250mW per Package
63mW per Resistor / 500mW per Package
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of
Resistance
BCN 2D:
BCN 06 2, BCN 06 4, BCN 4D, BCN 16 8R / 8S, BCN 21, BCN 31:
BCN 10, BCN 16 4:
±300ppm/°C
±200ppm/°C
±200ppm/°C
Moisture Resistance
1,000 hours @ +40°C, 95% R.H. (3.0% +0.1
Ω
ΔR)
High Temperature Operation
1,000 hours @ 70°C (3.0% +0.1
Ω
ΔR)
Short Time Overload
2.5 X rated voltage, 5 seconds (2.0% +0.1
Ω
ΔR)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0% +0.1
Ω
ΔR)
Resistance to Solder Heat
260°C for 10 seconds (1.0% +0.1
Ω
ΔR)
Load Life
1,000 hours @ 70°C (3.0% +0.1
Ω
ΔR)
Glass Passivation
Conductor
Nickel Barrier
Resistor: Ruthenium Oxide
Alumina Substrate
100% Tin


Similar Part No. - BCN164AB220J7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN164AB TTELEC-BCN164AB Datasheet
623Kb / 9P
   Thick Film Chip Arrays
BCN164ABI102J7S TTELEC-BCN164ABI102J7S Datasheet
623Kb / 9P
   Thick Film Chip Arrays
More results

Similar Description - BCN164AB220J7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
   Actuator version available
DEK-OE-60DC PHOENIX-DEK-OE-60DC Datasheet
96Kb / 7P
   Actuator version available
logo
OSRAM GmbH
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
logo
Vishay Siliconix
VS-50PF VISHAY-VS-50PF Datasheet
164Kb / 9P
   Wire version available
Revision: 04-Dec-14
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
SP20 TTELEC-SP20 Datasheet
535Kb / 3P
   F version has flame resistant coating
logo
List of Unclassifed Man...
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
   Anti Sulphur Chip Resistors
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com