Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN164A331J7 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BCN164A331J7
Description  Sulphur resistant version available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCN164A331J7 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BCN164A331J7 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 9Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 10Page - List of Unclassifed Manufacturers BCN164A331J7 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BCN Series
BCN
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
Packaging (Table A)
7” Reel Diameter
13” Reel Diameter
Paper
Embossed
Paper
Embossed
BCN 2D
5K
20K
BCN 4D
4K
16K
BCN 06 2
10K
BCN 06 4
10K
BCN 10
10K
40K
BCN 16 4
5K
20K
BCN 16 8
5K
20K
BCN 21
4K
16K
BCN 31
4K
16K
Note: Tape & Reel dimensions per EIA-481.
Sulphur Resistant Arrays
· Special construction resists sulphide growth
· Withstands sulphur bearing fume
environment
· Tested to ASTM-B809 (“Flowers-of-Sulphur”)
· Suitable for industrial, automotive and
roadside uses
· RoHS compliant matt Tin finish terminations
Performance Data
Hydrogen Sulphide exposure:
· 1000 Hours, 3-5ppm H2S, 50°C, 92%RH
· 0.5% Max ΔR and no visual defects


Similar Part No. - BCN164A331J7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN164AB TTELEC-BCN164AB Datasheet
623Kb / 9P
   Thick Film Chip Arrays
BCN164ABI102J7S TTELEC-BCN164ABI102J7S Datasheet
623Kb / 9P
   Thick Film Chip Arrays
More results

Similar Description - BCN164A331J7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
   Actuator version available
DEK-OE-60DC PHOENIX-DEK-OE-60DC Datasheet
96Kb / 7P
   Actuator version available
logo
OSRAM GmbH
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
logo
Vishay Siliconix
VS-50PF VISHAY-VS-50PF Datasheet
164Kb / 9P
   Wire version available
Revision: 04-Dec-14
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
SP20 TTELEC-SP20 Datasheet
535Kb / 3P
   F version has flame resistant coating
logo
List of Unclassifed Man...
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
   Anti Sulphur Chip Resistors
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com