Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3610STRLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3610STRLPBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3610STRLPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF3610STRLPBF Datasheet HTML 1Page - International Rectifier IRF3610STRLPBF Datasheet HTML 2Page - International Rectifier IRF3610STRLPBF Datasheet HTML 3Page - International Rectifier IRF3610STRLPBF Datasheet HTML 4Page - International Rectifier IRF3610STRLPBF Datasheet HTML 5Page - International Rectifier IRF3610STRLPBF Datasheet HTML 6Page - International Rectifier IRF3610STRLPBF Datasheet HTML 7Page - International Rectifier IRF3610STRLPBF Datasheet HTML 8Page - International Rectifier IRF3610STRLPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF3610SPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
March 26, 2014
6
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-100
-50
0
50
100
150
200
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 250µA
ID = 1.0mA
ID = 1.0A
100 200 300 400 500 600 700 800 900 1000
diF /dt (A/µs)
0
10
20
30
40
50
60
IF = 62A
VR = 85V
TJ = 25°C
TJ = 125°C
100 200 300 400 500 600 700 800 900 1000
diF /dt (A/µs)
0
10
20
30
40
50
60
IF = 41A
VR = 85V
TJ = 25°C
TJ = 125°C
100 200 300 400 500 600 700 800 900 1000
diF /dt (A/µs)
500
1000
1500
2000
2500
3000
3500
4000
IF = 41A
VR = 85V
TJ = 25°C
TJ = 125°C
100 200 300 400 500 600 700 800 900 1000
diF /dt (A/µs)
500
1000
1500
2000
2500
3000
3500
4000
IF = 62A
VR = 85V
TJ = 25°C
TJ = 125°C


Similar Part No. - IRF3610STRLPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF3610S ISC-IRF3610S Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3610SPBF IRF-IRF3610SPBF Datasheet
257Kb / 9P
   High Efficiency Synchronous Rectification in SMPS, Uninterruptible Power Supply
IRF3610SPBF IRF-IRF3610SPBF_15 Datasheet
293Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRF3610STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com