Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN164A224J7 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BCN164A224J7
Description  Sulphur resistant version available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCN164A224J7 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BCN164A224J7 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 9Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 10Page - List of Unclassifed Manufacturers BCN164A224J7 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BCN Series
BCN
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
Ordering Information
BCN
4
D
B
I
102
J
7
S
Model Series
Construction Option:
No code = Standard product
No. of Resistors:
BCN 2D = 2 Resistors
on BCN4DxxxJ7
BCN 4D = 4 Resistors
Packaging Option:
Circuit Configuration:
(See Table A)
D = Isolated
Tolerance: ±5%
Resistance Code
Edge Option (B = Square Edge):
Termination Code:
BCN 2D: Scalloped Edge
Only - No Code Used
I = Interior (Concave) Termination
BCN 4D: Scalloped Edge
Only - No Code Used
(Only available in BCN 4 DBI)
S = Sulphur resistant - only
BCN
16
4
A
B
I
102
J
7
S
Model Series
Construction Option:
No code = Standard product
Width:
S = Sulphur resistant - only
06 = 0.6mm
10 = 1.0mm
16 = 1.6mm
Packaging Option:
21 = 2.1mm
(See Table A)
31 = 3.1mm
Tolerance:
No. of Resistors:
BCN 06 2 = 2 Resistors
G = ±2% (BCN 16 4, 31 8RB / 8SB Only)
BCN 10 / 06 4 / 16 4 = 4 Resistors
J = ±5% (Standard)
BCN 16 8R / 16 8S = 8 Resistors
(Use JP for Jumper Chip Array - BCN 16 4 / 31)
BCN 21 / 31 8R / 31 8S = 8 Resistors
Resistance Code:
Circuit Configuration:
3 digits for E4,E12,E24 Series, all Tol.
A = Isolated (BCN 06 / 10 / 16 4A)
4 digits for E96 Series, 1% Tol.
R = Bussed (Reversed) (BCN 16 8R / 31 8R)
S = Bussed (Standard) (BCN 21 / 16 8S / 31 8S)
Termination Code:
I = Interior (Concave) Termination
Edge Option (B = Square Edge):
No code used for exterior termination ( Standard)
Scalloped Edge - No Code Used (Standard)
All interior termination requires ‘B’ for square edge
Square Edge
Only - Use Code ‘B’
(BCN 16 4ABI / 31 8RBI / 31 8SBI)
F = ±1% (BCN 4D / 16 4 / 31 8RB / 31 8SB)
See ‘Model Styles’ for Available Options
7” or 13”
7” or 13”
on BCN 104/164/168RB


Similar Part No. - BCN164A224J7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN164AB TTELEC-BCN164AB Datasheet
623Kb / 9P
   Thick Film Chip Arrays
BCN164ABI102J7S TTELEC-BCN164ABI102J7S Datasheet
623Kb / 9P
   Thick Film Chip Arrays
More results

Similar Description - BCN164A224J7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
   Actuator version available
DEK-OE-60DC PHOENIX-DEK-OE-60DC Datasheet
96Kb / 7P
   Actuator version available
logo
OSRAM GmbH
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
logo
Vishay Siliconix
VS-50PF VISHAY-VS-50PF Datasheet
164Kb / 9P
   Wire version available
Revision: 04-Dec-14
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
SP20 TTELEC-SP20 Datasheet
535Kb / 3P
   F version has flame resistant coating
logo
List of Unclassifed Man...
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
   Anti Sulphur Chip Resistors
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
   Anti Sulphur Chip Resistors
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com