Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E57-18LE20-A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # E57-18LE20-A
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57-18LE20-A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button E57-18LE20-A Datasheet HTML 3Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 4Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 5Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 6Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 7Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 8Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 9Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 10Page - List of Unclassifed Manufacturers E57-18LE20-A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
3-22
For more information visit: www.eaton.com
PG08301004E
Inductive Proximity Sensors
August 2007
E57 Premium+ Series
Specifications — E57 Premium+ Series
Ryton® is a registered trademark of Phillips Chemical (division of Phillips Petroleum).
Note: 40 – 240V AC @ <-20°C.
Semi-shielded models are nickel-plated brass.
Model Selection — Accessories
2-Wire AC Sensors
2-Wire Sensors
3-Wire Sensors
AC/DC
DC Only Models
Operating Voltage
20 – 250V AC
40 – 240V AC
20 – 250V DC
6 – 48V DC
Maximum Load
Current
500 mA @ 25°C
250 mA @ 70°C
250 mA @ 25°C
200 mA @ 70°C
500 mA @ 6 – 30V DC
Switching Frequency
20 Hz
60 Hz
12 mm: 800 Hz
18 mm: 500 Hz
30 mm: 300 Hz
Leakage Current
1.7 mA maximum
@ 70°C
2.0 mA
100 μA
Voltage Drop
7V maximum
12V @ <10 mA
4V @ >25 mA
2.5V
Holding Current
5 mA minimum
5 mA minimum
Burden Current
10 mA
Protection
Resettable short circuit;
overload protection
Auto reset
Switching Hysteresis
2 to 20% of rated
sensing range
<15% rated sensing distance
Repeat Accuracy
<3% sensing
distance
Shielded models: <1% sensing distance;
unshielded and extended range: <3%
Time Delay Before
Availability
<200 mS
Output Indicator LED
360° viewable LED
Operating
Temperature
-13° to 158°F (-25° to 70°C)
Mini: -13° to 122°F (-25° to 50°C)
Enclosure Ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Shock
30g, 11 mS per IEC 68-2-76
Vibration
10 to 55 Hz, 1 mm amplitude
Housing Material
303 stainless steel ; Polycarbonate end bells; Ryton® front ends
Cable
AWM Style 20387 (PVC)
Description
Reference
Mounting Brackets
See Section 8
Replacement Mounting Nuts and
Other Accessories
See Section 8
Connector Cables
See Section 10


Similar Part No. - E57-18LE20-A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57-18LE20-A

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com