Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E57SAL18A2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # E57SAL18A2
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57SAL18A2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  E57SAL18A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 8Page - List of Unclassifed Manufacturers E57SAL18A2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3-20
For more information visit: www.eaton.com
PG08301004E
Inductive Proximity Sensors
August 2007
E57 Premium+ Series
Model Selection — E57 Premium+ Sensors (Continued)
For cable lengths longer than 2 meters, add the number of the desired length in meters to the end of the listed Catalog Number (for Catalog Numbers
ending with a number, add an S and then the length). Examples for a 5 meter cable: E57-18LE12-A becomes E57-18LE12-A5; E57LAL12A2 becomes
E57LAL12A2S5.
Fast turn product with typical one business day lead-time to shipment.
See listing of compatible connector cables below.
Model Selection — Compatible Connector Cables
For a full selection of connector cables, see Section 10.
Stocked product, typical order quantities guaranteed in stock.
Operating
Voltage
Sensing Range (Sn)
Shielding
Connection Type
Catalog Number
N.O. Output
N.C. Output
3-WireSensors (Continued)
30 mm Diameter End Sensing
6 – 48V DC
10 mm
(Standard
Range)
Shielded
(NPN)
2-meter Cable
E57LAL30T110
E57LBL30T110
4-pin Micro DC Connector
E57LAL30T110SD
E57LBL30T110SD
4-pin Micro DC Pigtail Connector
E57LAL30T110SP
E57LBL30T110SP
4-pin Mini-Connector
E57MAL30T110B1
E57MBL30T110B1
Shielded
(PNP)
2-meter Cable
E57LAL30T111
E57LBL30T111
4-pin Micro DC Connector
E57LAL30T111SD
E57LBL30T111SD
4-pin Micro DC Pigtail Connector
E57LAL30T111SP
E57LBL30T111SP
4-pin Mini-Connector
E57MAL30T111B1
E57MBL30T111B1
15 mm
(Standard
Range)
Unshielded
(NPN)
2-meter Cable
E57LAL30T110E
E57LBL30T110E
4-pin Micro DC Connector
E57LAL30T110ED
E57LBL30T110ED
4-pin Micro DC Pigtail Connector
E57LAL30T110EP
E57LBL30T110EP
4-pin Mini-Connector
E57MAL30T110EB1
E57MBL30T110EB1
Unshielded
(PNP)
2-meter Cable
E57LAL30T111E
E57LBL30T111E
4-pin Micro DC Connector
E57LAL30T111ED
E57LBL30T111ED
4-pin Micro DC Pigtail Connector
E57LAL30T111EP
E57LBL30T111EP
4-pin Mini-Connector
E57MAL30T111EB1
E57MBL30T111EB1
22 mm
(Extended
Range)
Semi-
shielded
(NPN)
2-meter Cable
E57-30LE22-C
E57-30LE22-C1
4-pin Micro DC Connector
E57-30LE22-CD
E57-30LE22-C1D
4-pin Micro DC Pigtail Connector
E57-30LE22-CP
E57-30LE22-C1P
4-pin Mini-Connector
E57-30LE22-CB
E57-30LE22-C1B
Semi-
shielded
(PNP)
2-meter Cable
E57-30LE22-B
E57-30LE22-B1
4-pin Micro DC Connector
E57-30LE22-BD
E57-30LE22-B1D
4-pin Micro DC Pigtail Connector
E57-30LE22-B1P
4-pin Mini-Connector
E57-30LE22-BB
E57-30LE22-B1B
Voltage
Style
Number
of Pins
Gauge
Length
Catalog Number
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
PUR Jacket
IRR PUR Jacket
Standard Cables — Micro Style
AC
3-pin
3-wire
22 AWG
6.0 feet (2m)
CSAS3F3CY2202
CSAS3F3RY2202
DC
4-pin
4-wire
22 AWG
6.0 feet (2m)
CSDS4A4CY2202
CSDS4A4RY2202
CSDS4A4IO2202
Voltage
Style
Number
of Pins
Gauge
Length
Catalog Number
Pin Configuration/Wire Colors
(Face View Female Shown)
Standard Cables — Mini Style
3-pin
16 AWG
6 feet (2m)
CSMS3F3CY1602
AC/DC
4-pin,
4-wire
16 AWG
6 feet (2m)
CSMS4A4CY1602
Extended
Range
Standard
Range
Micro Style
Straight Female
1-Green
2-Red/Black
3-Red/White
1-Brown
2-White
3-Blue
4-Black
Mini Style
Straight Female
Current Rating
@ 600V
3-pin: 13A
4-pin: 10A
1-Green
2-Black
3-White
1-Black
2-Blue
3-Brown
4-White


Similar Part No. - E57SAL18A2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57SAL18A2

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com