Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E57RAL18A2E Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # E57RAL18A2E
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57RAL18A2E Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button E57RAL18A2E Datasheet HTML 4Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 5Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 6Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 7Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 8Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 9Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 10Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 11Page - List of Unclassifed Manufacturers E57RAL18A2E Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
August 2007
PG08301004E
For more information visit: www.eaton.com
3-23
Inductive Proximity Sensors
E57 Premium+ Series
Approximate Dimensions — E57 Premium+ Series, End Sensing Models in Inches (mm)
These dimensions apply to the Premium+ Series models in this section. Not indicated Premium Series models.
For short barrel model dimensions (E57SAL …) refer to Page 3-25.
Size
Shielding
Dimensions in Inches (mm)
Overall Length
A
Threaded Length
B
C
Nut Width
D
Thread Size
E
2-Wire AC Sensors — Cable Models
12 mm
Shielded
Semi-shielded
Unshielded
2.46 (62.4)
2.87 (72.8)
2.87 (72.7)
1.98 (50.3)
2.28 (57.9)
1.98 (50.3)
0.06 (1.62)
0.36 (9.14)
0.67 (16.8)
0.67 (16.8)
0.67 (16.8)
M12 x 1
M12 x 1
M12 x 1
18 mm
Shielded
Semi-shielded
Unshielded
2.54 (64.5)
2.60 (66.1)
2.60 (66.0)
2.00 (50.9)
1.90 (48.2)
1.47 (37.2)
0.10 (2.54)
0.56 (14.1)
0.94 (23.8)
0.94 (23.8)
0.94 (23.8)
M18 x 1
M18 x 1
M18 x 1
30 mm
Shielded
Semi-shielded
Unshielded
2.73 (69.3)
2.67 (67.8)
2.73 (69.3)
1.98 (50.3)
1.90 (48.2)
1.49 (37.8)
0.13 (3.30)
0.52 (13.26)
1.41 (35.9)
1.41 (35.9)
1.41 (35.9)
M30 x 1.5
M30 x 1.5
M30 x 1.5
2-Wire AC Sensors — Micro-Connector Models
12 mm
Shielded
Semi-shielded
Unshielded
2.69 (68.4)
3.04 (77.2)
3.06 (77.7)
1.98 (50.3)
2.28 (57.9)
1.98 (50.3)
0.06 (1.62)
0.36 (9.14)
0.67 (16.8)
0.67 (16.8)
0.36 (9.14)
M12 x 1
M12 x 1
M12 x 1
18 mm
Shielded
Semi-shielded
Unshielded
2.72 (69.06)
2.72 (69.1)
2.74 (69.4)
2.00 (50.9)
1.90 (48.2)
1.47 (37.2)
0.10 (2.54)
0.56 (14.1)
0.94 (23.8)
0.94 (23.8)
0.94 (23.8)
M18 x 1
M18 x 1
M18 x 1
30 mm
Shielded
Semi-shielded
Unshielded
2.91 (73.8)
2.78 (70.6)
2.91 (73.8)
1.98 (50.3)
1.90 (48.2)
1.49 (37.8)
0.13 (3.30)
0.52 (13.26)
1.41 (35.9)
1.41 (35.9)
1.41 (35.9)
M30 x 1.5
M30 x 1.5
M30 x 1.5
2-Wire AC/DC Sensors — Cable Models
12 mm
Shielded
Unshielded
2.45 (62.4)
2.45 (62.4)
1.98 (50.3)
1.80 (45.8)
0.20 (5)
0.67 (16.8)
0.67 (16.8)
M12 x 1
M12 x 1
18 mm
Shielded
Unshielded
2.54 (64.5)
2.54 (64.5)
2.00 (50.9)
1.75 (44.4)
0.28 (7)
0.94 (23.8)
0.94 (23.8)
M18 x 1
M18 x 1
30 mm
Shielded
Unshielded
2.72 (69.3)
2.72 (69.3)
1.98 (50.3)
1.49 (37.8)
0.52 (13.26)
1.41 (35.9)
1.41 (35.9)
M30 x 1.5
M30 x 1.5
2-Wire AC/DC Sensors — Micro-Connector Models
12 mm
Shielded
Unshielded
2.69 (68.4)
2.69 (68.4)
1.98 (50.3)
1.80 (45.8)
0.20 (5)
0.67 (16.8)
0.67 (16.8)
M12 x 1
M12 x 1
18 mm
Shielded
Unshielded
2.72 (69.06)
2.72 (69.06)
2.00 (50.9)
1.75 (44.4)
0.28 (7)
0.94 (23.8)
0.94 (23.8)
M18 x 1
M18 x 1
30 mm
Shielded
Unshielded
2.91 (73.8)
2.91 (73.8)
1.98 (50.3)
1.49 (37.8)
0.52 (13.26)
1.41 (35.9)
1.41 (35.9)
M30 x 1.5
M30 x 1.5
2-Wire AC/DC Sensors — Mini-Connector Models
12 mm
Shielded
3.36 (85.3)
1.98 (50.3)
0.02 (0.5)
0.67 (16.8)
M12 x 1
18 mm
Shielded
Semi-shielded
Unshielded
3.39 (86.1)
3.39 (86.0)
3.39 (86.1)
2.00 (50.8)
1.90 (48.2)
1.46 (37.0)
0.02 (0.5)
0.10 (2.54)
0.57 (14.5)
0.94 (23.8)
0.94 (23.8)
0.94 (23.8)
M18 x 1
M18 x 1
M18 x 1
30 mm
Shielded
Semi-shielded
Unshielded
3.39 (86.1)
3.44 (87.4)
3.39 (86.1)
2.1 (53.3)
1.90 (48.2)
1.55 (39.4)
0.03 (0.8)
0.13 (3.30)
0.55 (14.0)
1.41 (35.9)
1.41 (35.9)
1.41 (35.9)
M30 x 1.5
M30 x 1.5
M30 x 1.5
Cable Models
Connector Models
C
B
D
A
SENSING
FACE
STANDARD RANGE
THREAD
TYPE E
C
B
D
A
SENSING
FACE
THREAD
TYPE E
STANDARD RANGE


Similar Part No. - E57RAL18A2E

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57RAL18A2E

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com