Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2506 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MR2506
Description  AUTOMOTIVE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MR2506 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MR2506 Datasheet HTML 1Page - EIC discrete Semiconductors MR2506 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( MR2500 - MR2512 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
120
130
140
150
160
170
180
190
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
20
15
10
5
25
10
1.0
400
0
500
0
300
200
100
10
80
1
0.01
100
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
0.1


Similar Part No. - MR2506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MR2506 EIC-MR2506 Datasheet
72Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
MR2506 NJSEMI-MR2506 Datasheet
84Kb / 1P
   AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR2506 EIC-MR2506 Datasheet
362Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
Rev. 03 : April 22, 2016
MR2506L EIC-MR2506L Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
MR2506L EIC-MR2506L Datasheet
49Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - MR2506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MR3500L EIC-MR3500L Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR3500 EIC-AR3500 Datasheet
17Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000_05 Datasheet
44Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR2500 EIC-AR2500 Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR2500L EIC-AR2500L_05 Datasheet
49Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
MR5000L NJSEMI-MR5000L Datasheet
137Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3500S EIC-MR3500S Datasheet
74Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
AR3500L EIC-AR3500L Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR3500L EIC-AR3500L_06 Datasheet
94Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000L EIC-AR5000L_06 Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com