Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E57-18LE12-A1B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E57-18LE12-A1B
Description  Inductive Proximity Sensors E57 Premium Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E57-18LE12-A1B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E57-18LE12-A1B Datasheet HTML 1Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 2Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 3Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 4Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 5Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 6Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 7Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 8Page - List of Unclassifed Manufacturers E57-18LE12-A1B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
August 2007
PG08301004E
For more information visit: www.eaton.com
3-17
Inductive Proximity Sensors
E57 Premium+ Series
Model Selection — E57 Premium+ Sensors
For cable lengths longer than 2 meters, add the number of the desired length in meters to the end of the listed Catalog Number (for Catalog Numbers
ending with a number, add an S and then the length). Examples for a 5 meter cable: E57-18LE12-A becomes E57-18LE12-A5; E57LAL12A2 becomes
E57LAL12A2S5.
Avoid wiring these AC/DC models in series as the sensors may not perform reliably. Contact Eaton’s Cutler-Hammer Applications Engineering at
1-800-426-9184 with questions.
Fast turn product with typical one business day lead-time to shipment.
Stocked product, typical order quantities guaranteed in stock.
See listing of compatible connector cables on Page 3-20.
Operating Voltage
Sensing Range (Sn)
Shielding
Connection Type
Catalog Number
N.O. Output
N.C. Output
2-Wire Sensors
12 mm Diameter End Sensing
20 – 250V AC
2 mm
(Standard
Range)
Shielded
2-meter Cable
E57LAL12A2
E57LBL12A2
3-pin Micro AC Connector
E57LAL12A2SA
E57LBL12A2SA
3-pin Micro AC Pigtail Connector E57LAL12A2SP
E57LBL12A2SP
4 mm
(Standard
Range)
Unshielded
2-meter Cable
E57LAL12A2E
E57LBL12A2E
3-pin Micro AC Connector
E57LAL12A2EA
E57LBL12A2EA
3-pin Micro AC Pigtail Connector E57LAL12A2EP
E57LBL12A2EP
20 – 132V AC
6 mm
(Extended
Range)
Semi-
shielded
2-meter Cable
E57-12LE06-A
E57-12LE06-A1
3-pin Micro AC Connector
E57-12LE06-AA
E57-12LE06-A1A
3-pin Micro AC Pigtail Connector E57-12LE06-AP
10 mm
(Extended
Range)
Non-
embeddable
2-meter Cable
E57-12LE10-A
E57-12LE10-A1
3-pin Micro AC Connector
E57-12LE10-AA
E57-12LE10-A1A
3-pin Micro AC Pigtail Connector E57-12LE10-AP
E57-12LE10-A1P
40 – 250V AC
50/60 Hz
20 – 250V DC
2 mm
(Standard
Range)
Shielded
2-meter Cable
E57SAL12A2
E57SBL12A2
3-pin Micro AC Connector
E57SAL12A2SA
E57SBL12A2SA
3-pin Mini-Connector
E57MAL12A2B1
4 mm
(Standard
Range)
Unshielded
2-meter Cable
E57SAL12A2E
E57SBL12A2E
3-pin Micro AC Connector
E57SAL12A2EA
E57SBL12A2EA
18 mm Diameter End Sensing
20 – 250V AC
5 mm
(Standard
Range)
Shielded
2-meter Cable
E57LAL18A2
E57LBL18A2
3-pin Micro AC Connector
E57LAL18A2SA
E57LBL18A2SA
3-pin Micro AC Pigtail Connector
E57LAL18A2SP
E57LBL18A2SP
3-pin Mini-Connector
E57MAL18A2B1
E57MBL18A2B1
8 mm
(Standard
Range)
Unshielded
2-meter Cable
E57LAL18A2E
E57LBL18A2E
3-pin Micro AC Connector
E57LAL18A2EA
E57LBL18A2EA
3-pin Micro AC Pigtail Connector E57LAL18A2EP
E57LBL18A2EP
3-pin Mini-Connector
E57MAL18A2EB1
E57MBL18A2EB1
20 – 132V AC
12 mm
(Extended
Range)
Semi-
shielded
2-meter Cable
E57-18LE12-A
E57-18LE12-A1
3-pin Micro AC Connector
E57-18LE12-AA
E57-18LE12-A1A
3-pin Micro AC Pigtail Connector E57-18LE12-AP
E57-18LE12-A1P
3-pin Mini-Connector
E57-18LE12-AB
E57-18LE12-A1B
20 mm
(Extended
Range)
Non-
embeddable
2-meter Cable
E57-18LE20-A
E57-18LE20-A1
3-pin Micro AC Connector
E57-18LE20-AA
E57-18LE20-A1A
3-pin Micro AC Pigtail Connector E57-18LE20-AP
E57-18LE20-A1P
3-pin Mini-Connector
E57-18LE20-AB
E57-18LE20-A1B
40 – 250V AC
50/60 Hz
20 – 250V DC
5 mm
(Standard
Range)
Shielded
2-meter Cable
E57SAL18A2
E57SBL18A2
3-pin Micro AC Connector
E57SAL18A2SA
E57SBL18A2SA
8 mm
(Standard
Range)
Unshielded
2-meter Cable
E57SAL18A2E
E57SBL18A2E
3-pin Micro AC Connector
E57SAL18A2EA
E57SBL18A2EA
20 – 250V AC
5 mm
Shielded
2-meter Cable
E57RAL18A2
E57RBL18A2
3-pin Micro AC Connector
E57RAL18A2SA
E57RBL18A2SA
3-pin Micro AC Pigtail Connector E57RAL18A2SP
E57RBL18A2SP
3-pin Mini-Connector
E57RAL18A2B1
E57RBL18A2B1
8 mm
Unshielded
2-meter Cable
E57RAL18A2E
E57RBL18A2E
3-pin Micro AC Connector
E57RAL18A2EA
E57RBL18A2EA
3-pin Micro AC Pigtail Connector E57RAL18A2EP
E57RBL18A2EP
3-pin Mini-Connector
E57RAL18A2EB1
E57RBL18A2EB1
Extended
Range
Standard
Range
Extended
Range
Standard
Range
18 mm Diameter Right Angle
Sensing


Similar Part No. - E57-18LE12-A1B

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E57-08GE03-C EATON-E57-08GE03-C Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1 EATON-E57-08GE03-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1DB EATON-E57-08GE03-C1DB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-C1NB EATON-E57-08GE03-C1NB Datasheet
3Mb / 102P
   Stainless steel tube
E57-08GE03-CDB EATON-E57-08GE03-CDB Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E57-18LE12-A1B

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME18-05BPOZW2S SICK-IME18-05BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-05BPSZW5S SICK-IME18-05BPSZW5S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08BPOZW2S SICK-IME18-08BPOZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPOZW2S SICK-IME18-08NPOZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME18-08NPSZW2S SICK-IME18-08NPSZW2S Datasheet
1,017Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BNSZW2K SICK-IME30-10BNSZW2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-10BPSZW2S SICK-IME30-10BPSZW2S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME30-20NNSZC0S SICK-IME30-20NNSZC0S Datasheet
1Mb / 7P
   INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com