Electronic Components Datasheet Search |
|
ECJZEB1E221 Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
ECJZEB1E221 Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 12 page – EC10 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) 1.0 Sample 0.5R 0.3/Size:0201 0.5/Size:0402 PC board Sample Unit : mm ■ Specifications and Testing Methods Item Specification Test Method Class 1 Class 2 Operating Temperature Range Temp. Char. C ∆ : –55 to 125 °C : –25 to 85 °C Temp. Char. SL : –55 to 125 °C Temp. Char. B, X7R : –55 to 125 °C Temp. Char. B, X5R : –55 to 85 °C Temp. Char. F, Y5V : –30 to 85 °C Dielectric Withstanding Voltage No dielectric breakdown and /or damage Test voltage: Class 1:Rated voltage 300 % Class 2:Rated voltage 250 % Duration:1 to 5 s Charge/discharge current : 50 mA max. Insulation Resistance (I R) 10000 M or 500/C (M ) whichever is less. Note:100/C(M )min. for DC 10 V max. C:Nominal Cap. in µF Measuring voltage:Rated voltage Duration: 60±5 s Charge/discharge current : 50 mA max. Capacitance Within the specified tolerance. Measuring temperature: 20±2 °C Class 1: Nominal capacitance C < 1000 pF C > 1000 pF Measuring frequency 1 MHz ± 10 % 1 kHz ± 10 % Measuring voltage 0.5 to 5 Vrms 0.5 to 5 Vrms Class 2: Preconditioning: The capacitors shall be kept in temperature of 150 +0/–10 °C for 1 hour and subjected to standard condition✽ 48±4 hours before initial measurement. Nominal capacitance C < 1 µF Measuring frequency1 kHz ± 10 % Measuring voltage1.0 ± 0.2 Vrms Q Factor or Dissipation Factor (tan δ) Q: C<30 pF: Q >400+20C 30 pF <C<1000 pF:Q>1000 tan δ: C>1000 pF: tan δ<0.002 (C:Nominal Cap. in pF) tan δ: Temp. Char. B, X7R, X5R: 0.15 max. Temp. Char. F, Y5V: 0.2 max. Please see the technical specifications for details. Temperature Characteristics Temp. Char. CG : 0± 30 ppm/ °C CH : 0± 60 ppm/ °C CJ : 0±120 ppm/ °C CK : 0±250 ppm/ °C SL : +350 to –1000 ppm/ °C Temp. Char. B : ±10 % X7R : ±15 % X5R : ±15 % F : +30, –80 % Y5V : +22, –82 % Maximum capacitance change at stage 1 to 5 Temp. Char. C ∆, SL B, F X7R X5R Y5V 1 20 °C 25 °C 25 °C 25 °C 2 –25 °C –55 °C –55 °C –30 °C 3 (Ref. Temp.) 20 °C 25 °C 25 °C 25 °C 4 85 °C 125 °C 85 °C 85 °C 5 20 °C 25 °C 25 °C 25 °C See the technical specifications for details such as measuring voltage. Adhesion Terminal electrodes shall be free from peeling or signs of peeling. Applied force: Size: 0201: 2 N Size: 0402 to 0805: 5N Duration: 10 s Size: 0201 to 0402 Size: 0603 to 0805 ✽Standard conditions : Temperature 15 to 35 °C, Relative humidity 45 to 75 % Sep. 2008 00 |
Similar Part No. - ECJZEB1E221 |
|
Similar Description - ECJZEB1E221 |