Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3037CS Datasheet(PDF) 4 Page - International Rectifier

Part # IRU3037CS
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3037CS Datasheet(HTML) 4 Page - International Rectifier

  IRU3037CS Datasheet HTML 1Page - International Rectifier IRU3037CS Datasheet HTML 2Page - International Rectifier IRU3037CS Datasheet HTML 3Page - International Rectifier IRU3037CS Datasheet HTML 4Page - International Rectifier IRU3037CS Datasheet HTML 5Page - International Rectifier IRU3037CS Datasheet HTML 6Page - International Rectifier IRU3037CS Datasheet HTML 7Page - International Rectifier IRU3037CS Datasheet HTML 8Page - International Rectifier IRU3037CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
IRU3037/IRU3037A & (PbF)
www.irf.com
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU3037.
THEORY OF OPERATION
Introduction
The IRU3037 is a fixed frequency, voltage mode syn-
chronous controller and consists of a precision refer-
ence voltage, an error amplifier, an internal oscillator, a
PWM comparator, 0.5A peak gate driver, soft-start and
shutdown circuits (see Block Diagram).
The output voltage of the synchronous converter is set
and controlled by the output of the error amplifier; this is
the amplified error signal from the sensed output voltage
and the reference voltage.
This voltage is compared to a fixed frequency linear
sawtooth ramp and generates fixed frequency pulses of
variable duty-cycle, which drives the two N-channel ex-
ternal MOSFETs.The timing of the IC is provided through
an internal oscillator circuit which uses on-chip capaci-
tor to set the oscillation frequency to 200 KHz (400 KHz
for “A” version).
Soft-Start
The IRU3037 has a programmable soft-start to control
the output voltage rise and limit the current surge at the
start-up. To ensure correct start-up, the soft-start se-
quence initiates when the Vc and Vcc rise above their
threshold (3.3V and 4.2V respectively) and generates
the Power On Reset (POR) signal. Soft-start function
operates by sourcing an internal current to charge an
external capacitor to about 3V. Initially, the soft-start func-
tion clamps the E/A’s output of the PWM converter. As
the charging voltage of the external capacitor ramps up,
the PWM signals increase from zero to the point the
feedback loop takes control.
Short-Circuit Protection
The outputs are protected against the short-circuit. The
IRU3037 protects the circuit for shorted output by sens-
ing the output voltage (through the external resistor di-
vider). The IRU3037 shuts down the PWM signals, when
the output voltage drops below 0.6V (0.4V for IRU3037A).
The IRU3037 also protects the output from over-voltaging
when the control FET is shorted. This is done by turning
on the sync FET with the maximum duty cycle.
Under-Voltage Lockout
The under-voltage lockout circuit assures that the
MOSFET driver outputs remain in the off state whenever
the supply voltage drops below set parameters. Lockout
occurs if Vc or Vcc fall below 3.3V and 4.2V respec-
tively. Normal operation resumes once Vc and Vcc rise
above the set values.
20uA
64uA Max
POR
Oscillator
Error Amp
Ct
Error Comp
Reset Dom
POR
0.5V
FbLo Comp
3
Vc
HDrv
Vcc
LDrv
Gnd
Vcc
4.0V
Vc
3.5V
0.2V
0.2V
Bias
Generator
3V
1.25V
POR
8
SS/SD
Fb 1
Comp 7
25K
25K
1.25V
3V
2
6
5
R
S
Q
4


Similar Part No. - IRU3037CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3037CS IRF-IRU3037CS Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CS IRF-IRU3037CS Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IRU3037CS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com