Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3037ACS Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3037ACS
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3037ACS Datasheet(HTML) 2 Page - International Rectifier

  IRU3037ACS Datasheet HTML 1Page - International Rectifier IRU3037ACS Datasheet HTML 2Page - International Rectifier IRU3037ACS Datasheet HTML 3Page - International Rectifier IRU3037ACS Datasheet HTML 4Page - International Rectifier IRU3037ACS Datasheet HTML 5Page - International Rectifier IRU3037ACS Datasheet HTML 6Page - International Rectifier IRU3037ACS Datasheet HTML 7Page - International Rectifier IRU3037ACS Datasheet HTML 8Page - International Rectifier IRU3037ACS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
IRU3037/IRU3037A & (PbF)
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Vcc Supply Voltage ..................................................
25V
Vc Supply Voltage ......................................................
30V (not rated for inductive load)
Storage Temperature Range ...................................... -65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
Fb Voltage
Fb Voltage Line Regulation
UVLO
UVLO Threshold - Vcc
UVLO Hysteresis - Vcc
UVLO Threshold - Vc
UVLO Hysteresis - Vc
UVLO Threshold - Fb
UVLO Hysteresis - Fb
Supply Current
Vcc Dynamic Supply Current
Vc Dynamic Supply Current
Vcc Static Supply Current
Vc Static Supply Current
Soft-Start Section
Charge Current
IRU3037
IRU3037A
5<Vcc<12
Supply Ramping Up
Supply Ramping Up
Fb Ramping Down (IRU3037)
(IRU3037A)
Freq=200KHz, CL=1500pF
Freq=200KHz, CL=1500pF
SS=0V
SS=0V
SS=0V
1.225
0.784
4.0
3.1
0.4
0.3
2
2
1
0.5
-10
1.250
0.800
0.2
4.2
0.25
3.3
0.2
0.6
0.4
0.1
5
7
3.3
1
-20
1.275
0.816
0.35
4.4
3.5
0.8
0.5
8
10
6
4.5
-30
V
%
V
V
V
V
V
V
mA
mA
mA
mA
µA
VFB
LREG
UVLO Vcc
UVLO Vc
UVLO Fb
Dyn Icc
Dyn Ic
ICCQ
ICQ
SSIB
θJA=160°C/W
(Also available LEAD-FREE)
θJA=124°C/W
Fb
Vcc
LDrv
Gnd
HDrv
Vc
Comp
SS/SD
4
3
2
1
5
6
7
8
Fb
Vcc
LDrv
Gnd
SS/SD
Comp
Vc
HDrv
4
3
2
1
5
6
7
8
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc=5V, Vc=12V and TA=0 to 70°C. Typical values refer
to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
PACKAGE INFORMATION
8-PIN PLASTIC TSSOP (F)
8-PIN PLASTIC SOIC (S)


Similar Part No. - IRU3037ACS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3037ACS IRF-IRU3037ACS Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037ACS IRF-IRU3037ACS Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IRU3037ACS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com