Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ0EC1H680 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECJ0EC1H680
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EC1H680 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECJ0EC1H680 Datasheet HTML 1Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 2Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 3Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 6Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 7Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 8Page - Panasonic Semiconductor ECJ0EC1H680 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
– EC8 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
E
1
C
2
J
3
Z
4
E
5
B1
7
A
8
1
9
0
10
3
11
K
12
Packaging
Style Code
Rated Voltage Code
Nominal Capacitance
Size Code
(Example)
6
Capacitance
Tolerance Code
Product Code
(ECJ:Multilayer Ceramic
Chip Capacitors)
Temperature
Characteristic Code
5
4
3
2
1
L
T
W
L1
L2
Multilayer Ceramic Capacitors
(For General Electronic Equipment)
Series:
ECJ
Recommended Applications
Class 1 (T.C. Type)
Tuned circuits, and filter circuitry, where low loss and
high stability of capacitance and high insulation
resistance is required
Class 2 (Hi-K Type)
Coupling and By-passing
Features
● Small size and wide capacitance range
● High humidity resistance and long life
● Excellent solderability and resistance to soldering heat
● Low inductance (ESL) and excellent frequency
characteristics
● RoHS compliant
Explanation of Part Numbers
Packaging Specifications
See Page 45, 46, 56
Handling Precautions
See Page 48 to 53
Construction
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Dimensions in mm (not to scale)
Size Code Size (EIA)
L
W
T
L1, L2
Z0201
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
00402
1.00±0.05
0.50±0.05
0.50±0.05
0.2±0.1
10603
1.6±0.1
0.8±0.1
0.8±0.1
0.3±0.2
20805
2.0±0.1
1.25±0.10
0.6±0.1
0.50±0.25
0.85±0.10
1.25±0.10
2.00±0.15
1.25±0.15
1.25±0.15
Sep. 2008
00


Similar Part No. - ECJ0EC1H680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ0EC1H680 PANASONIC-ECJ0EC1H680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ0EC1H680 PANASONIC-ECJ0EC1H680 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EC1H680 PANASONIC-ECJ0EC1H680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ0EC1H680 PANASONIC-ECJ0EC1H680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EC1H680 PANASONIC-ECJ0EC1H680 Datasheet
855Kb / 12P
   Multilayer Ceramic Capacitors For General Electronic Equipment
More results

Similar Description - ECJ0EC1H680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB1H223K PANASONIC-ECJ-2VB1H223K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H330J PANASONIC-ECJ-1VC1H330J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H270J PANASONIC-ECJ-1VC1H270J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com