Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ1VC1H560 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECJ1VC1H560
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ1VC1H560 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECJ1VC1H560 Datasheet HTML 1Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 2Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 3Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 4Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 5Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 6Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 7Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 8Page - Panasonic Semiconductor ECJ1VC1H560 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
– EC12 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Item
Specification
Test Method
Class 1
Class 2
Damp Heat
Load
Appearance:
No mechanical damage
Capacitance change:
Within ±7.5 % or ±0.75 pF
whichever is larger.
Q:
C<30 pF:Q
>100+10C/3
30 pF
<C<1000 pF:Q>200
tan
δ:
C>1000 pF:tan
δ<0.004
(C:Nominal capacitance in pF)
IR:
500 M
or 25/C (M )
Whichever is less.
(C:Nominal capacitance in µF)
Appearance:
No mechanical damage
Capacitance change:
Temp. Char.
B, X7R, X5R: Within ±20 %
F, Y5V: Within ±30 %
tan
δ:
Temp. Char.
B, X7R, X5R: 0.25 max.
F, Y5V: 0.3 max.
IR:
500 M
or 25/C (M )
Whichever is less.
Note:5/C (M ) min. for
DC 10 V max.
C:Nominal capacitance in µF
Please see the technical
specifications for details.
Preconditioning:Voltage treatment/Class 2
(
✽2)
Temperature:40±2 °C
Relative humidity:90 to 95 %
Applied voltage:Rated voltage
Charge/discharge current: 50 mA max.
Test period:500+24/0 h
Recovery (Standard condition)
Class 1:24±2 h
Class 2:48±4 h
High
Temperature
Load
Appearance:
No mechanical damage
Capacitance change:
Within ±3 % or ±0.3 pF
whichever is larger.
Q:
C<10 pF:Q
>200+10C
10 pF
<C<30 pF:Q>275+5C/2
30 pF
<C<1000 pF:Q>350
tan
δ:
C>1000 pF:tan
δ<0.004
C:Nominal capacitance in pF
IR:
1000 M
or 50/C (M )
Whichever is less.
C:Nominal capacitance in µF
Appearance:
No mechanical damage
Capacitance change:
Temp. Char.
B, X7R, X5R: Within ±20 %
F, Y5V: Within ±30 %
tan
δ:
Temp. Char.
B, X7R, X5R: 0.25 max.
F, Y5V: 0.3 max.
IR:
1000 M
Ω or 50/C (M )
Whichever is less.
Note:10/C (M ) min. for
DC 10 V max.
C:Nominal capacitance in µF
Please see the technical
specifications for details.
Preconditioning:Voltage treatment/Class 2
(
✽2)
Temperature:
Maximum operating temp. ±3 °C
Applied voltage:
(1) Rated voltage ×200 %
(2) Rated voltage ×100 %
Please see the technical specifications
for details.
Charge/discharge current: 50 mA max.
Test period:1000+48/0 h
Recovery (Standard condition)
Class 1:24±2 h
Class 2:48±4 h
(
✽1) Heat treatment:1 h of heat treatment at 150+0/–10 °C followed by 48±4 h recovery under standard conditions
(
✽2) Voltage treatment:1 h of voltage treatment under the specified temperature and voltage for testing followed by 48±4 h of recovery under
standard conditions
Sep. 2008
00


Similar Part No. - ECJ1VC1H560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ1VC1H560 PANASONIC-ECJ1VC1H560 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ1VC1H560 PANASONIC-ECJ1VC1H560 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ1VC1H560 PANASONIC-ECJ1VC1H560 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results

Similar Description - ECJ1VC1H560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VC1H330J PANASONIC-ECJ-1VC1H330J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H270J PANASONIC-ECJ-1VC1H270J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com