Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP310012 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RP310012
Description  Power PCB Relay RPII/1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RP310012 Datasheet(HTML) 3 Page - Tyco Electronics

  RP310012 Datasheet HTML 1Page - Tyco Electronics RP310012 Datasheet HTML 2Page - Tyco Electronics RP310012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/1 (Continued)
Product code
Version
Contact arrangementContact material
Pinning
Coil
Part number
RP310012
16A, flux proof
1 form C (CO) contact
AgCdO
5mm 16A
12VDC
2-1393230-9
RP310024
24VDC
3-1393230-2
RP310048
48VDC
3-1393230-3
RP330012
1 form A (NO) contact
12VDC
4-1393230-7
RP330024
24VDC
4-1393230-9
RP330048
48VDC
5-1393230-1
RP410024
12A, flux proof
1 form C (CO) contact
5mm 8/12A
24VDC
8-1393230-2
RP411024
8A, flux proof
AgNi0.15
9-1393230-5
RP412024
3.5mm
1-1393231-2
RP418012
12A, flux proof
AgCdO
12VDC
2-1393231-5
RP418024
24VDC
2-1393231-8
RP438012
1 form A (NO) contact
12VDC
5-1393231-0
RP710012
16A, wash tight
1 form C (CO) contact
5mm 16A
7-1393231-2
RP710024
24VDC
7-1393231-5
RP730012
1 form A (NO) contact
12VDC
8-1393231-2
RP818012
12A, wash tight
3.5mm
1-1393232-7
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request


Similar Part No. - RP310012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP310012 MACOM-RP310012 Datasheet
494Kb / 3P
   General Purpose Relays PCB Relays
RP310012 MACOM-RP310012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results

Similar Description - RP310012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393230-6 MACOM-2-1393230-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-2 MACOM-2-1393230-2 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-9 MACOM-2-1393230-9 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP838012 MACOM-RP838012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-8 MACOM-2-1393230-8 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-6 MACOM-2-1393232-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-5 MACOM-2-1393230-5 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-7 MACOM-2-1393232-7 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP710012 MACOM-RP710012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393231-3 MACOM-2-1393231-3 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com