Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC51-0644-807 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IC51-0644-807
Description  QFP (Quad Flat Packages, Gullwing Leads)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC51-0644-807 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IC51-0644-807 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC51-0644-807 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
47
Test Solutions
Series Overview
*QFP (Quad Flat Packages, Gullwing Leads)
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC or
1,000M
Ω min. at 100V DC
Dielectric Withstanding Voltage: 100/500/700V AC for 1 minute
Contact Resistance:
30m
Ω max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +170°C and –40°C to +150°C
Contact Force:
20g to 80g per pin
Mating Cycles:
10,000 insertions min.
The information above is typical for this Series
for individual specifications please contact Yamaichi
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled
Polyphenylenesulfide (PPS), glass-filled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series IC200 / IC201 / IC216 / IC217 / IC218 / IC248 (Open Top)
Quad Flat Packages (QFP)
Part Number (Details)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin:
Protection Key**
N= Without Positioning Pin
P= With Positioning Pin
K= With Protection Key
Unmarked = Without Protection Key
IC200
128
001
4*
*
--
-
**Protection Key: Prevents IC from releasing during transportation
0.4 to 0.8mm Pitch
Series IC51
Contact Styles
Series IC (kelvin)
Series IC2**
Series IC234
Series IC357
Series IC500
Specifications
Insulation Resistance:
1,000M
Ω min. at 100V DC pitch 0.5
1,000M
Ω min. at 500V DC pitch 0.65, 0.8
Dielectric Withstanding Voltage: 100V AC for 1 minute pitch 0.5
500V AC for 1 minute pitch 0.65
700V AC for 1 minute pitch 0.8
Contact Resistance:
30m
Ω max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +150°C
Contact Force:
20g to 80g per pin
Mating Cycles:
10,000 insertions min.
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled
Polyethersulphone (PES) glass-filled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series IC500 (Open Top)
Quad Flat Package (QFP) with 2-Point Contact Type
0.5 to 0.8mm Pitch
Part Number (Details)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin
N=Without PositioningPin
P=With PositioningPin
K= Protection Key
IC500
064
008
4*
--


Similar Part No. - IC51-0644-807

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0644-807 YAMAICHI-IC51-0644-807 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC51-0644-807

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com