Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RW1S0BA Datasheet(PDF) 4 Page - Ohmite Mfg. Co.

Part # RW1S0BA
Description  RC Series carbon composition
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RW1S0BA Datasheet(HTML) 4 Page - Ohmite Mfg. Co.

  RW1S0BA Datasheet HTML 1Page - Ohmite Mfg. Co. RW1S0BA Datasheet HTML 2Page - Ohmite Mfg. Co. RW1S0BA Datasheet HTML 3Page - Ohmite Mfg. Co. RW1S0BA Datasheet HTML 4Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
34
Standard Part Numbers for Surface Mount Power Resistors
BA
CA
CB
CB
DA
DA
DB
EA
BB
EA
S
S
S
R
S
R
R
R
S
R
1.0 1.5 2.0 2.0 2.0 2.0 3.0 3.5 0.6 1.0
Wirewound
3.30
–––3R30
K
4.70
–––4R70
K
5.00
–––5R00
F
5.60
–––5R60
J
6.80
–––6R80
K
7.50
–––7R50
J
F
10.00
–––10R0
J
J
J
F
K
15.00
–––15R0
J
J
F
K
20.00
–––20R0
J
22.00
–––22R0
F
K
24.90
–––24R9
F
33.00
–––33R0
F
K
36.00
–––36R0
F
47.00
–––47R0
J
J
F
K
50.00
–––50R0
J
51.00
–––51R0
J
68.00
–––68R0
K
82.00
–––82R0
J
100.00
–––100R
J
F
K
120.00
–––120R
J
180.00
–––180R
J
300.00
–––300R
J
470.00
–––470R
J
1K
–––1K00
J
K
4.7K
–––4K70
J
5K
–––5K00
J
0.005 –––R005
J
J
F/J
0.010 –––R010
F/J
J
J
F
J
J
J
F
0.015 –––R015
F/J
J
F
0.020 –––R020
J
J
F
J
J
F
0.025 –––R025
J
0.027 –––R027
J
0.030 –––R030
F
J
J
J
F
0.033 –––R033
J
0.036 –––R036
J
0.050 –––R050
F/J
J
J
F
J
J
F
0.056 –––R056
J
0.075 –––R075
J
F
0.080 –––R080
J
J
0.100 –––R100
F/J
J
J
F
J
J
J
F
0.150 –––R150
J
J
J
0.200 –––R200
J
J
J
0.220 –––R220
J
0.240 –––R240
J
J
F
0.300 –––R300
J
J
0.330 –––R330
J
0.400 –––R040
J
0.400 –––R400
J
0.470 –––R470
J
J
J
F
0.500 –––R500
J
J
J
J
0.750 –––R750
J
F
1.00
–––1R00
F/J
J
J
J
J
F
2.00
–––2R00
F
Part No.
Prefix 
Suffix
Tolerance suffix: F = 1% J = 5% K=10%
Package style
Base: standard
or recessed
Wattage
BA
CA
CB
CB
DA
DA
DB
EA
BB
EA
S
S
S
R
S
R
R
R
S
R
1.0 1.5 2.0 2.0 2.0 2.0 3.0 3.5 0.6 1.0
Wirewound
Part No.
Prefix 
Suffix
Tolerance suffix: F = 1% J = 5% K=10%
Package style
Base: standard
or recessed
Wattage
(For example, the part
number shown is a wire-
wound resistor, 3.5 watt,
recessed base, 32mm tape
size, first case size [A],
1000 ohms 1% tolerance.)
Component type
R = resistor
Component Modifier
C = carbon/ceramic
composition
F = film
P = power film
W = wire
N = wirewound, non-inductive
Wattage
Examples:
1S3 = 1.25W
2S0 or 2R0 = 2.0W
3R5 = 3.5W
Type of Base
S = standard
R = recessed
Package
B = 12mm
C = 16mm
D = 24mm
E = 32mm
Package Modifier
A, B sequential
Resistance Value
R = Decimal
K = 1,000
M = 1,000,000
Tolerance
F= 1%
G= 2%
H= 3%
J= 5%
K=10%
Examples:
R249 = 0.249 ohms
24R9 = 24.9 ohms
2K49 = 2,490 ohms
T = Tape
and Reel
(optional)
�� ��� �� ����� ��
E = RoHS compliant
Available Jan. 2006
O rder IN g INFO r M at ION
Surface Mount Power


Similar Part No. - RW1S0BA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RW1S0BA OHMITE-RW1S0BA Datasheet
331Kb / 4P
   Twelve wattage ratings
More results

Similar Description - RW1S0BA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
RC20GF102J ETC2-RC20GF102J Datasheet
189Kb / 2P
   Carbon Composition Resistor
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
logo
Stackpole Electronics, ...
RC_SERIES SEI-RC_SERIES Datasheet
703Kb / 11P
   Carbon Composition Resistor
9/15/2021
logo
Tyco Electronics
1625875 MACOM-1625875 Datasheet
40Kb / 1P
   CARBON COMPOSITION RESISTORS SERIES CBT25
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
   Hot moulded carbon composition
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com