Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-261-CW Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-261-CW
Description  DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-261-CW Datasheet(HTML) 1 Page - Vicor Corporation

  VI-261-CW Datasheet HTML 1Page - Vicor Corporation VI-261-CW Datasheet HTML 2Page - Vicor Corporation VI-261-CW Datasheet HTML 3Page - Vicor Corporation VI-261-CW Datasheet HTML 4Page - Vicor Corporation VI-261-CW Datasheet HTML 5Page - Vicor Corporation VI-261-CW Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VI-200 DC-DC Converters
Rev 3.5
vicorpower.com
Page 1 of 6
04/2014
800 927.9474
VI-200
VE-200
S
NRTL
C
US
C
US
®
DC-DC Converters
50 to 200 Watts
Features
• Isolatedoutput
• Upto50W/in3
• cURus,cTÜVus
• Upto90%efficiency
• Size:4.6"x2.4"x0.5"
(116,8x61,0x12,7mm)
• Remotesenseandcurrentlimit
• OVP,thermalshutdown
• Logicdisable
• Widerangeoutputadjust
• Compatiblepowerboostermodules
• ZCSpowerarchitecture
• LownoiseFMcontrol
• CEMarked
• RoHScompliant(VE-200)
ProductHighlights
TheVI-200family,withover14millionunitsshipped,isVicor’sbroadseriesof“zero-
current-switching”component-levelDC-DCconverters.
Operatingatfrequenciesupto2MHz,VI-200familyconvertersofferexceptional
powerdensity,efficiency,noiseperformance,reliabilityandeaseofuse.Boostermod-
ules(VI-Bxx)provideasimple,cost-effective,off-the-shelfsolutionforhigherpower
outputrequirements.Oneormoreboostersmaybeusedtocreatesynchronousarrays
capableofsupplyingseveralkilowattsofoutputpower.
TheflexibilityofVicor’spowercomponentsisalsoavailableinhalf-size,half-power
VI-J00MiniMods.
PartNumbering
Note:Foradditional
packagingoptions,
pleaseseepage5.
VI —2
6
1 — C
W
Family
Series
Input
Output
Grade
Power
VI=Non-RoHS 2=200
0=12V N =48V
Z=2V M =10V K=40V E = –10to85°C ≥5V
<5V
VE=RoHS B=Booster V=24V 4=72V
Y=3.3V 1 =12V 4=48V C = –25to85°C U = 200W U= 40A
1=24V T=110V
0=5V P =13.8V H=52V I =–40to85°C V = 150W V= 30A
W=24V 5=150V
X=5.2V 2 =15V F=72V M = –55to85°C W = 100W W= 20A
2=36V 6=300V
W=5.5V N =18.5V D=85V
X = 75W X= 15A
3=48V 7=150/300V V=5.8V 3 =24V B=95V
Y = 50W Y= 10A
T=6.5V L =28V
R=7.5V J =36V


Similar Part No. - VI-261-CW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-261-CU VICOR-VI-261-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-261-CU-BM VICOR-VI-261-CU-BM Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
VI-261-CU-BM VICOR-VI-261-CU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
VI-261-CV VICOR-VI-261-CV Datasheet
712Kb / 6P
   DC-DC Converters
More results

Similar Description - VI-261-CW

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com