Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLS3015 Datasheet(PDF) 2 Page - TDK Electronics

Part # VLS3015
Description  For Power Line(Wound, Magnetic Shielded)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS3015 Datasheet(HTML) 2 Page - TDK Electronics

  VLS3015 Datasheet HTML 1Page - TDK Electronics VLS3015 Datasheet HTML 2Page - TDK Electronics VLS3015 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2/2)
001-02 / 20080822 / e531_vls3015.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
VLS3015T-2R2M1R4
VLS3015T-3R3M1R2
VLS3015T-4R7MR99
VLS3015T-6R8MR86
VLS3015T-100MR70
VLS3015T-150MR58
VLS3015T-220MR45
VLS3015T-330MR36
VLS3015T-470MR31
TEST CIRCUIT
0.0
0.5
1.0
1.5
2.0
2.5
0
300
600
900
1200
1500
1800
DC current (mA)
0.0
1.0
2.0
3.0
4.0
0
200
400
600
800
1000
1200
DC current (mA)
0.0
1.0
2.0
3.0
5.0
4.0
0
200
400
600
800
1000
1200
DC current (mA)
0.0
2.0
4.0
6.0
8.0
0
200
400
600
800
1000
DC current (mA)
0
6
4
2
8
10
12
0
200
400
600
800
DC current (mA)
0
5
10
15
20
0
200
400
600
100
300
500
700
DC current (mA)
0
5
10
15
25
20
0
200
400
100
300
500
DC current (mA)
0
5
10
15
40
20
25
35
30
0
150
400
50
350
200
250
100
300
450
DC current (mA)
0
10
40
60
20
50
30
0
150
50
200
250
100
300
350
DC current (mA)
1
2
A
C=20,000
µF
L=0.1H
1: LCR meter 4285A f=1MHz
2: DC constant current
Sample


Similar Part No. - VLS3015

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS3015CX-100M-H TDK-VLS3015CX-100M-H Datasheet
253Kb / 3P
   SMD / SMT Inductors (Coils)
VLS3015CX-101M-H TDK-VLS3015CX-101M-H Datasheet
252Kb / 3P
   SMD / SMT Inductors (Coils)
VLS3015CX-150M-H TDK-VLS3015CX-150M-H Datasheet
252Kb / 3P
   SMD / SMT Inductors (Coils)
VLS3015CX-1R0M-H TDK-VLS3015CX-1R0M-H Datasheet
245Kb / 3P
   SMD / SMT Inductors (Coils)
VLS3015CX-1R5M-H TDK-VLS3015CX-1R5M-H Datasheet
249Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - VLS3015

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
FLF3215T-4R7M TDK-FLF3215T-4R7M Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5020T-2R2N TDK-VLC5020T-2R2N Datasheet
57Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF4018-2 TDK-VLCF4018-2 Datasheet
37Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com