Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007083-000100 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007083-000100
Description  Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007083-000100 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007083-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007083-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Attenuator,
31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
Rev. V4
MAAD-007083-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Configuration
7
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2
per IPC/JEDEC J-STD-020. Parts shall be stored
and/or baked as required for MSL Level 2 parts.
7.
Application Note S2083 is available on line at
www.macom.com
VSWR vs. Frequency
Accuracy (dB) vs. Frequency
Accuracy (dB) vs. Frequency
Typical Performance Curves
Insertion Loss vs. Frequency
0
1
2
3
4
5
6
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Fre que ncy (GHz )
+ 85°C
- 4 0 °C
+ 25°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Fre que ncy (GHz )
RF 1 - 3 1 d B
R F 2 - 31 d B
R F 2 - I L
RF 1 - I L
-0.50
-0.25
0.00
0.25
0.50
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Fre que ncy (GHz )
4 d B
1 dB
2 dB
-1.50
-0.75
0.00
0.75
1.50
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Fre que ncy (GHz )
16 dB
3 1 dB
8 d B


Similar Part No. - MAAD-007083-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007083-000100 MACOM-MAAD-007083-000100 Datasheet
241Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
More results

Similar Description - MAAD-007083-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MACOM-MAAD-007083-000100 Datasheet
241Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
AT90-0001 MA-COM-AT90-0001 Datasheet
146Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com