Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC200-2084-010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IC200-2084-010
Description  QFP (Quad Flat Packages, Gullwing Leads)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC200-2084-010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IC200-2084-010 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC200-2084-010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
48 Test Solutions
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
G X H
Package
Type
CL= Clamshell
OT = Open Top
Body
A x B
Tip-to-Tip
C x D
Parallel
Clamp
E
1/2 - IC
height
F
0.50mm Pitch
IC51-0644-1972
0.4
64
7.0 x 7.0
9.0 x 9.0
8.25
-
35.0 x 32.0
CL
IC234-0804-055
0.4
80
10.0 x 10.0
12.0 x 12.0
-
0.7375
30.0 x 30.0
OT
IC234-1004-045
0.4
100
12.0 x 12.0
14.0 x 14.0
-
0.56
35.0 x 32.0
OT
IC51-1004-1919-*
0.4
100
12.0 x 12.0
14.0 x 14.0
13.30
-
36.0 x 42.5
CL
IC234-1204-022 *
0.4
120
14.0 x 14.0
16.0 x 16.0
-
0.762
34.0 x 34.0
OT
IC51-1204-1596
0.4
120
14.0 x 14.0
16.0 x 16.0
15.35
-
36.0 x 42.5
CL
IC51-1204-1812
0.4
120
14.0 x 14.0
16.0 x 16.0
-
-
36.0 x 42.5
CL
IC234-1284-043 *
0.4
128
14.0 x 14.0
16.0 x 16.0
-
0.56
34.0 x 34.0
OT
IC357-1284-056
0.4
128
14.0 x 14.0
16.0 x 16.0
-
0.65
34.0 x 34.0
OT
IC357-1284-076
0.4
128
14.0 x 14.0
16.0 x 16.0
-
0.45
34.0 x 34.0
OT
IC51-1284-1702
0.4
128
14.0 x 14.0
16.0 x 16.0
15.40
-
36.0 x 42.5
CL
IC51-1284-1702-2
0.4
128
14.0 x 14.0
16.0 x 16.0
15.40
-
36.0 x 42.5
CL
IC51-1284-1788
0.4
128
14.0 x 14.0
16.0 x 16.0
15.30
0.70
39.0 x 42.5
CL
IC234-1444-053 *
0.4
144
16,0 x 16,0
18.0 x 18.0
-
0.54
36.0 x 36.0
OT
QFP11T144-001
0.4
144
16.0 x 16.0
18.0 x 18.0
17.20
.
39.0 x 42.5
CL
IC234-1564-038P-2
0.4
156
14.0 x 14.0
16.0 x 16.0
.
0.76
38.0 x 44.0
OT
IC234-1764-059 *
0.4
176
20,0 x 20,0
22.0 x 22.0
.
0.67
40.0 x 40.0
OT
IC51-1764-1995
0.4
176
14.0 x 20.0
22.0 x 22.0
21.30
-
46.0 x 50.0
CL
IC51-1764-1995-6
0.4
176
20.0 x 20.0
22.0 x 22.0
21.20
-
46.0 x 50.0
CL
IC234-2164-050 *
0.4
216
20.0 x 20.0
26.0 x 26.0
-
0.67
44.0 x 44.0
OT
IC234-2164-066-*
0.4
216
20.0 x 20.0
26.0 x 26.0
-
0.67
44.0 x 44.0
OT
IC51-2164-1887
0.4
216
24.0 x 24.0
26.0 x 26.0
25.30
-
50.0 x 48.0
CL
IC51-2164-1887-10
0.4
216
24.0 x 24.0
26.0 x 26.0
25.30
-
50.0 x 48.0
CL
IC234-2564-020 *
0.4
256
24.0 x 24.0
30.0 x 30.0
-
0.67
48.0 x 48.0
OT
IC234-2564-078 *
0.4
256
24.0 x 24.0
30.0 x 30.0
-
0.67
48.0 x 48.0
OT
IC51-2564-1668
0.4
256
28.0 x 28.0
31.2 x 31.2
30.00
-
56.0 x 62.0
CL
IC51-2564-1668-10
0.4
256
28.0 x 28.0
30.0 x 30.0
29.40
-
56.0 x 62.0
CL
IC51-2564-1668-6
0.4
256
27.2 x 27.2
29.8 x 29.8
30.00
-
56.0 x 62.0
CL
IC51-2564-1668-8
0.4
256
28.0 x 28.0
30.6 x 30.6
30.00
-
56.0 x 62.0
CL
IC51-0324-805
0.5
32
5.0 x 5.0
7.0 x 7.0
6.20
-
28.0 x 31.0
CL
IC234-0484-034 *
0.5
48
7.0 x 7.0
9.0 x 9.0
-
0.47
26.6 x 26.6
OT
IC234-0484-039 *
0.5
48
7.0 x 7.0
9.0 x 9.0
-
0.74
26.6 x 26.6
OT
IC357-0484-078 *
0.5
48
7.0 x 7.0
9.0 x 9.0
-
0.45
22.0 x 22.0
OT
IC51-0484-806
0.5
48
7.0 x 7.0
9.0 x 9.0
8.20
-
29.0 x 32.0
CL
IC51-0484-806-2
0.5
48
7.0 x 7.0
9.0 x 9.0
8.30
-
29.0 x 32.0
CL
IC201-0644-003 *
0.5
64
10.0 x 10.0
12.0 x 12.0
-
0.70
30.0 x 36.0
OT
IC201-0644-040 *
0.5
64
10.0 x 10.0
12.0 x 12.0
-
0.67
28.7 x 28.7
OT
IC234-0644-027 *
0.5
64
10.0 x 10.0
12.0 x 12.0
-
0.66
29.6 x 29.6
OT
IC234-0644-122 *
0.5
64
10.0 x 10.0
12.0 x 12.0
-
0.66
29.6 x 29.6
OT
0.40mm Pitch
Applicable Dimensions
C
A
E
H
E
E
G
G
H
Outline IC Body
Dimensions
Outline Clamshell
Socket Dimensions
Outline Open Top
Socket Dimensions
Applicable Dimensions
(Quad Flat Packages, Gullwing Leads)


Similar Part No. - IC200-2084-010

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC200-2084-010 YAMAICHI-IC200-2084-010 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC200-2084-010

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com