Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-010305-V1-JUN11 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-010305-V1-JUN11
Description  Digital Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-010305-V1-JUN11 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-010305-V1-JUN11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator, 1-Bit, 15 dB, 75 Ω
DC - 1.1 GHz
Rev. V1
MAAD-010305
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications3: TA = 25°C, VC = +2.5 Volts, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
(Reference State)
1.1 GHz
dB
0.3
0.45
Attenuation
1.1 GHz
dB
14.6
15.1
15.6
Input Return Loss
DC - 1.1 GHz
dB
14
Input IP3
1.1 GHz
Insertion Loss State
Attenuation State
dBm
46
46
P1dB
1.1 GHz
Insertion Loss State
Attenuation State
dBm
20
20
CTB
157 Channels, PIN = 35 dBmV/ch.
dBc
70
CSO
157 Channels, PIN = 35 dBmV/ch.
dBc
66
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
15
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
ns
20
Transients
In-band
mV
20
Control Current
µA
5
Output Return Loss
DC - 1.1 GHz
dB
14
3. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3).
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power
+21 dBm
Control Voltage
8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Truth Table
Mode
(Control)
V1
V2
Attenuation
Positive 6
0 ± 0.2V
+2.5V to +5V
+2.5V to +5V
0 ± 0.2V
15 dB
Reference State
Negative 7
0 ± 0.2V
-2.5V to -5V
-2.5V to -5V
0 ± 0.2V
Reference State
15 dB
6. External DC blocking capacitors are required as noted.
7. If negative control is used, DC blocking capacitors are not
required on RF ports and ground.


Similar Part No. - MAAD-010305-V1-JUN11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-010305-001SMB MA-COM-MAAD-010305-001SMB Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-001SMB MA-COM-MAAD-010305-001SMB Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-TR1000 MA-COM-MAAD-010305-TR1000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-TR1000 MA-COM-MAAD-010305-TR1000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-TR3000 MA-COM-MAAD-010305-TR3000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
More results

Similar Description - MAAD-010305-V1-JUN11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com