Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-010305-V1-JUN11 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-010305-V1-JUN11
Description  Digital Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-010305-V1-JUN11 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAD-010305-V1-JUN11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-010305-V1-JUN11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Digital Attenuator, 1-Bit, 15 dB, 75 Ω
DC - 1.1 GHz
Rev. V1
MAAD-010305
4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Output Return Loss
Output Return Loss_Full Attenuation
Input Return Loss
Input Return Loss_Full Attenuation
Insertion Loss
Relative Attenuation
Typical Performance Curves with C1,C2,C3 = 0.01 µF, positive or negative mode (control)
-18
-17
-16
-15
-14
-13
-12
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAAD-010305-V1-JUN11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-010305-001SMB MA-COM-MAAD-010305-001SMB Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-001SMB MA-COM-MAAD-010305-001SMB Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-TR1000 MA-COM-MAAD-010305-TR1000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-TR1000 MA-COM-MAAD-010305-TR1000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305-TR3000 MA-COM-MAAD-010305-TR3000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
More results

Similar Description - MAAD-010305-V1-JUN11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com