Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-011021 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-011021
Description  Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-011021 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital Attenuator, 6-Bit, 0.5 dB LSB step
DC - 30 GHz
Rev. V1
MAAD-011021
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
3
PCB Layout
Part
Value
Case Style
J1, J2
0 Ω
0201
Parts List
Truth Table7,8
7. high = +5 V @ 5.7 mA, low = 0 V @ 1.0 mA.
8. Any combination of the above states will provide attenuation approximately equal to the sum of the bits selected.
V1
0.5 dB
V2
1 dB
V3
2 dB
V4
4 dB
V5
8 dB
V6
16 dB
State
low
low
low
low
low
low
0 dB
high
low
low
low
low
low
0.5 dB
low
high
low
low
low
low
1 dB
low
low
high
low
low
low
2 dB
low
low
low
high
low
low
4 dB
low
low
low
low
high
low
8 dB
low
low
low
low
low
high
16 dB
high
high
high
high
high
high
31.5 dB
Application Schematic
Evaluation Board
RFOUT
RFIN
VCC = -5 V
V1
V2
V3
V4
V5
V6 = 0 / +5 V


Similar Part No. - MAAD-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_15 Datasheet
945Kb / 8P
   Digital Attenuator
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-0GPDIE MA-COM-MAAD-011021-0GPDIE Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-DIESMB MA-COM-MAAD-011021-DIESMB Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
More results

Similar Description - MAAD-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com