Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-011021-000DIE Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-011021-000DIE
Description  Digital Attenuator, 6-Bit, 0.5 dB LSB step
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-011021-000DIE Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAD-011021-000DIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-011021-000DIE Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Attenuator, 6-Bit, 0.5 dB LSB step
DC - 40 GHz
Rev. V1
MAAD-011021-000DIE
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
6
Typical Performance Curves
Relative Attenuation Error (Bit 1, 2)
Relative Phase Error (Bit 1, 2)
Relative Attenuation Error (Bit 3, 4)
Relative Phase Error (Bit 3, 4)
Relative Attenuation Error (Bit 5, 6)
Relative Phase Error (Bit 5, 6)
-40
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
Bit 1
Bit 2
Frequency (GHz)
-40
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
Bit 3
Bit 4
Frequency (GHz)
-40
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
Bit 5
Bit 6
Frequency (GHz)
-4
-3
-2
-1
0
1
2
0
10
20
30
40
50
Bit 1
Bit 2
Frequency (GHz)
-4
-3
-2
-1
0
1
2
0
10
20
30
40
50
Bit 3
Bit 4
Frequency (GHz)
-4
-3
-2
-1
0
1
2
0
10
20
30
40
50
Bit 5
Bit 6
Frequency (GHz)


Similar Part No. - MAAD-011021-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_15 Datasheet
945Kb / 8P
   Digital Attenuator
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
More results

Similar Description - MAAD-011021-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
   0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
   0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LFLP4E HITTITE-HMC624LFLP4E Datasheet
638Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, 60 - 500 MHz
logo
Advanced Semiconductor ...
AAT530B5 ASB-AAT530B5 Datasheet
249Kb / 6P
   0.5 ~ 3.0 GHz LSB 1 dB, 5 Bit Digital Attenuator
September. 2013
logo
Analog Devices
HMC624A AD-HMC624A Datasheet
578Kb / 15P
   0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com