Electronic Components Datasheet Search |
|
MAADSS0008-V2 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAADSS0008-V2 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 3 page 2 Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz Rev. V2 MAADSS0008 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Truth Table 5,6 Mode (Control) V1 V2 Attenuation Positive 5 0 ± 0.2V +2.5V to +5V +2.5V to +5V 0 ± 0.2V 15 dB Reference State Negative 6 0 ± 0.2V -2.5V to -5V -2.5V to -5V 0 ± 0.2V Reference State 15 dB 5. External DC blocking capacitors are required as noted. 6. If negative control is used, DC blocking capacitors are not required on RF ports and ground. Electrical Specifications4: TA = 25°C, VC = +2.5 Volts, Z0 = 50 Ω Positive Control Voltage Schematic 5 4 1 3 2 39 pF 39 pF 39 pF Parameter Test Conditions Units Min Typ Max Insertion Loss (Reference State) 1.0 GHz 2.0 GHz dB dB — — 0.3 0.4 0.4 0.5 Attenuation 1.0 GHz 2.0 GHz dB dB 14.6 14.4 15.1 14.9 15.6 15.4 VSWR 1.0 GHz 2.0 GHz Ratio Ratio — — 1.2:1 1.3:1 — — Input IP3 1.0 GHz Insertion Loss State Attenuation State dBm dBm 40 40 50 50 — — P1dB 1.0 GHz Insertion Loss State Attenuation State dBm dBm 24 20 26 23 — — Control Current — µA — — 10 Trise, Tfall 10% to 90% RF, 90% to 10% RF nS — 29 — Ton, Toff 50% Control to 90% RF, 50% Control to 10% RF nS — 50 — Transients In-band mV — 10 — 4. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3). Lead-Free SOT-25† † Reference Application Note M538 for lead-free solder reflow recommendations. |
Similar Part No. - MAADSS0008-V2 |
|
Similar Description - MAADSS0008-V2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |