Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-007673 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-007673
Description  Low Noise Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-007673 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAL-007673 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-007673 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-007673 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-007673 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Noise Amplifier
1.7 - 2.0 GHz
Rev. V2
MAAL-007673
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Noise Figure @ +25°C
VSWR @ 5 V, 8 mA, +25°C
Input IP3 @ +25°C
Typical Performance Curves
Gain @ 5 V, 8 mA
Noise Figure @ 5 V, 8 mA
Gain @ +25°C
16
18
20
22
24
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
3 VOLTS, 8mA
5 VOLTS, 8mA
5 VOLTS, 20mA
Frequency (GHz)
16
18
20
22
24
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
+25 C
-40 C
+85 C
Frequency (GHz)
1.5
1.6
1.7
1.8
1.9
1.7
1.8
1.9
2.0
3 VOLTS, 8mA
5 VOLTS, 8mA
5 VOLTS, 20mA
Frequency (GHz)
-8
-6
-4
-2
0
2
1.7
1.8
1.9
2.0
3 VOLTS, 8mA
5 VOLTS, 8mA
5 VOLTS, 20mA
Frequency (GHz)
1.2
1.5
1.8
2.1
2.4
1.70
1.75
1.80
1.85
1.90
1.95
2.00
+25 C
-40 C
+85 C
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
INPUT
OUTPUT
Frequency (GHz)


Similar Part No. - MAAL-007673

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673-000000 MACOM-MAAL-007673-000000 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673-000000 MA-COM-MAAL-007673-000000 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673-000000 MA-COM-MAAL-007673-000000 Datasheet
705Kb / 5P
   Low Noise Amplifier
More results

Similar Description - MAAL-007673

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com