Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300LA10 Datasheet(PDF) 9 Page - Littelfuse

Part # V300LA10
Description  Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V300LA10 Datasheet(HTML) 9 Page - Littelfuse

Back Button V300LA10 Datasheet HTML 3Page - Littelfuse V300LA10 Datasheet HTML 4Page - Littelfuse V300LA10 Datasheet HTML 5Page - Littelfuse V300LA10 Datasheet HTML 6Page - Littelfuse V300LA10 Datasheet HTML 7Page - Littelfuse V300LA10 Datasheet HTML 8Page - Littelfuse V300LA10 Datasheet HTML 9Page - Littelfuse V300LA10 Datasheet HTML 10Page - Littelfuse V300LA10 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2
Varistor Products
75
www .littelfuse .com
SYMBOL
PARAMETER
MODEL SIZE
7mm
10mm
14mm
20mm
P
Pitch of Component
12.7
± 1.0
25.4
± 1.0
25.4
± 1.0
25.4
± 1.0
P0
Feed Hole Pitch
12.7
± 0.2
12.7
± 0.2
12.7
± 0.2
12.7
± 0.2
P1
Feed Hole Center to Pitch
3.85
± 0.7
8.85
± 0.7
8.85
± 0.7
8.85
± 0.7
P2
Hole Center to Component Center
6.35
± 0.7
12.7
± 0.7
12.7
± 0.7
12.7
± 0.7
F
Lead to Lead Distance
5.0
± 0.8
7.5
± 0.8
7.5
± 0.8
7.5
± 0.8
h
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
W0
Hold Down Tape Width
12.0
± 0.3
12.0
± 0.3
12.0
± 0.3
12.0
± 0.3
W1
Hole Position
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
W2
Hold Down Tape Position
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to Component
Base
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
H0
Seating Plane Height
16.0
± 0.5
16.0
± 0.5
16.0
± 0.5
16.0
± 0.5
H1
Component Height
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D0
Feed Hole Diameter
4.0
± 0.2
4.0
± 0.2
4.0
± 0.2
4.0
± 0.2
t
Total Tape Thickness
0.7
± 0.2
0.7
± 0.2
0.7
± 0.2
0.7
± 0.2
U
Under-crimp Width
8.0 Max
8.0 Max
p
Component Alignment
3o Max
1.00mm
3o Max
1.00mm
3o Max
1.00mm
3o Max
NOTE: Dimensions are in mm.
8.0 Max
8.0 Max
LA Varistor Series
Tape and Reel Data
• Conforms to ANSI and EIA specifications
• Can be supplied to IEC Publication 286-2
• Radial devices on tape are supplied with
crimped leads, straight leads, or under-
crimped leads
Line Voltage Operation, Radial Lead


Similar Part No. - V300LA10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V300LA10 LITTELFUSE-V300LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V300LA10 LITTELFUSE-V300LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V300LA10 LITTELFUSE-V300LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V300LA10CP LITTELFUSE-V300LA10CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V300LA10P LITTELFUSE-V300LA10P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V300LA10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com