Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-008091 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-008091
Description  High Dynamic Range Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-008091 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-008091 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-008091 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-008091 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-008091 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-008091 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
Rev. V2
MAAL-008091
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C, F = 900 MHz, PIN= -30 dBm, Z0 = 50
Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
5 V, 60 mA
2
3 V, 20 mA
dB
dB
13
12
15
13.5
Noise Figure
5 V, 60 mA
2
3 V, 20 mA
dB
dB
1.20
1.25
1.50
1.50
Input VSWR
Ratio
2.0:1
Output VSWR
Ratio
1.5:1
Output 1 dB Compression
5 V, 60 mA
2
3 V, 20 mA
dBm
dBm
16.5
8.5
Input IP3
5 V, 60 mA
2
3 V, 20 mA
dBm
dBm
12.5
4.0
15
6.5
Reverse Isolation
dB
25
2. Using external 15
Ω resistor. See functional schematic.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity.
Proper ESD control techniques
should be used when handling these devices.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+10 dBm
Current
5
120 mA
Channel Temperature
6
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. When pin #2 is used to increase current (see note 8).
6. Thermal resistance (
θjc) = +88°C/W.


Similar Part No. - MAAL-008091

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
MAAL-008091-000000 MACOM-MAAL-008091-000000 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
More results

Similar Description - MAAL-008091

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com