Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010528 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010528
Description  X-Band Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010528 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010528 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. V1
1
1
X-Band Low Noise Amplifier
8 - 12 GHz
Rev. V3
MAAL-010528
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
Ordering Information 1,2
Part Number
Package
MAAL-010528-TR0500
500 piece reel
MAAL-010528-001SMB
Sample Board
* Restrictions on Hazardous Substances,
European Union Directive 2002/95/EC.
Features
 1.6 dB Noise Figure
 Single +4 V Bias @ 60 mA
 Fully internally matched to 50 Ω
 Lead-Free 3 mm 16-Lead PQFN Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAL-010528 is a high performance X-band
GaAs LNA, housed in a miniature, lead-free 3 mm
PQFN surface mount plastic package. This MMIC
operates from 8 to 12 GHz providing a nominal gain
of 20 dB with excellent gain flatness, high OIP3
linearity of 26 dBm, and a mid-band noise figure of
1.6 dB. The part features a self-bias architecture
which requires only a single, positive supply. The
device is internally matched to 50 Ω input/ output
and is well suited to multiple applications including
Vsat, radar and microwave radios due to the part’s
ease of use and excellent performance parameters.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Pin Configuration
3. For self-bias, external components C7 through C12 are
optional. No VG bias is needed. If C7 through C12 are
removed, traces must also be removed.
4. For optional adjustment of self-bias, apply D.C. gate voltage
between –1 V and +0.3 V. External components C7 through
C12 are required.
5. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
Pin No.
Pin Name
Description
1
N/C
No Connection
2
N/C
No Connection
3
RFIN
RF Input
4
N/C
No Connection
53,4
VG1
Gate Voltage 1
6
N/C
No Connection
73,4
VG2
Gate Voltage 2
8
N/C
No Connection
9
N/C
No Connection
10
RFOUT
RF Output
11
N/C
No Connection
12
N/C
No Connection
13
VDD2
Bias Voltage 2
14
N/C
No Connection
15
N/C
No Connection
16
VDD1
Bias Voltage 1
Paddle5
RF and DC Ground
1
RFOUT
RFIN
VG2
VDD2
VDD1
1
VG1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C


Similar Part No. - MAAL-010528

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
More results

Similar Description - MAAL-010528

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
163Kb / 14P
   X-Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2512 TRIQUINT-TGA2512_15 Datasheet
513Kb / 19P
   X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
TGA2600 TRIQUINT-TGA2600 Datasheet
166Kb / 9P
   X-band Ultra Low Noise Amplifier
logo
Tyco Electronics
MA01502D MACOM-MA01502D_1 Datasheet
319Kb / 6P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
logo
Filtronic Compound Semi...
FMA411 FILTRONIC-FMA411 Datasheet
227Kb / 3P
   LOW-NOISE X-BAND MMIC
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com