Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010528 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010528
Description  X-Band Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010528 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010528 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010528 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. V1
4
4
X-Band Low Noise Amplifier
8 - 12 GHz
Rev. V3
MAAL-010528
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
Small-Signal Gain vs. Temperature
Wide-Band Gain and Return Loss
Typical Performance Curves
Output Return Loss vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Supply Voltage
Noise Figure vs. Temperature
-25
-20
-15
-10
-5
0
5
10
15
20
25
0246
8
10
12
14
16
18
20
S21
S11
S22
Frequency (GHz)
15
16
17
18
19
20
21
22
23
24
25
5678
9
10
11
12
13
14
15
+25°C
-40°C
+85°C
Frequency (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5678
9
10
11
12
13
14
15
Vdd=3.0V
Vdd=3.5V
Vdd=4.0V
Vdd=5.0V
Vdd=6.0V
Frequency (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5678
9
10
11
12
13
14
15
+25°C
-40°C
+85°C
Frequency (GHz)
-20
-16
-12
-8
-4
0
5678
9
10
11
12
13
14
15
+25°C
-40°C
+85°C
Frequency (GHz)
-20
-16
-12
-8
-4
0
5678
9
10
11
12
13
14
15
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAAL-010528

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
More results

Similar Description - MAAL-010528

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
163Kb / 14P
   X-Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2512 TRIQUINT-TGA2512_15 Datasheet
513Kb / 19P
   X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
TGA2600 TRIQUINT-TGA2600 Datasheet
166Kb / 9P
   X-band Ultra Low Noise Amplifier
logo
Tyco Electronics
MA01502D MACOM-MA01502D_1 Datasheet
319Kb / 6P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
logo
Filtronic Compound Semi...
FMA411 FILTRONIC-FMA411 Datasheet
227Kb / 3P
   LOW-NOISE X-BAND MMIC
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com