Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010706 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010706
Description  Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010706 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010706 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010706 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low Noise Amplifier
1.4-4.0 GHz
MAAL-010706
Rev. V3
2
2
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications3: Freq = 1.85 GHz, Vd = 4 V, 25ºC, Z0 = 50 Ω
Parameter
Units
Min.
Typ.
Max.
Gain
dB
16.0
17.5
-
Output IP3
dBm
-
34.5
-
Output P1dB
dBm
17.5
19
-
Input Return Loss
dB
-
21
-
Output Return Loss
dB
-
15
-
Noise Figure
dB
-
0.60
-
Total Current
mA
-
60
70
Test Conditions
-
Pout=5 dBm, Tone Spacing=1 MHz
-
-
-
-
IDQ=Id+IBias
Parameter
Absolute Max.
Supply Voltage
+5.5 V
Current
100 mA
Power Dissipation
600 mW
RF Input Power
20 dBm
Storage Temperature
-55 to +150 ºC
Operating Temperature
-40 to +85 ºC
Junction Temperature6
+150 ºC
Absolute Maximum Ratings4,5
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
6. Typical thermal resistance (Өjc) = 45 °C/W.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
class 1A devices.
3. Vd and Vbias are connected together to +4 V, R3 = 300 ohms and R4 = 240 ohms, reference recommended schematic on page 8.


Similar Part No. - MAAL-010706

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010706 MA-COM-MAAL-010706 Datasheet
559Kb / 9P
   Low Noise Figure Excellent Input Return Loss
MAAL-010706-001SMB MA-COM-MAAL-010706-001SMB Datasheet
559Kb / 9P
   Low Noise Figure Excellent Input Return Loss
MAAL-010706-001SMB MA-COM-MAAL-010706-001SMB Datasheet
1Mb / 10P
   Low Noise Amplifier
MAAL-010706-TR3000 MA-COM-MAAL-010706-TR3000 Datasheet
559Kb / 9P
   Low Noise Figure Excellent Input Return Loss
MAAL-010706-TR3000 MA-COM-MAAL-010706-TR3000 Datasheet
1Mb / 10P
   Low Noise Amplifier
More results

Similar Description - MAAL-010706

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com