Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-008819 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008819
Description  Broadband CATV Single Ended 3-Way Active Splitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008819 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008819 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008819 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008819 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008819 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008819 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-008819 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-008819
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: F = 1000 MHz, TA = 25°C, VDD = +5 Volts, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
IN to OUT1, OUT2 & OUT3
dB
2.0
2.5
4.0
Gain Flatness
IN to OUT1, OUT2 & OUT3
dB
-
1.0
-
Noise Figure
IN to OUT1, OUT2 & OUT3
dB
-
3.8
-
Input Return Loss
IN
dB
-
12
-
Output Return Loss
OUT1, OUT2, OUT3
dB
-
9.5
-
Composite Triple Beat, CTB
132 channels, +15 dBmV/channel at the input
dBc
-
-63
-
Composite Second Order, CSO
132 channels, +15 dBmV/channel at the input
dBc
-
-60
-
Reverse Isolation
OUT1, OUT2 & OUT3 to IN
dB
-
29
-
Output to Output Isolation
Isolation between all RF outputs
dB
-
24
-
Output Power at 1dB Compression, P1dB
IN to OUT1, OUT2, OUT3
dBm
-
8.5
-
Output 3rd Order Intercept Point, OIP3
500 MHz, 2-tone, 6MHz spacing, -15 dBm Pout
dBm
-
26
-
Output 2nd Order Intercept Point, OIP2
500 MHz, 2-tone, 6MHz spacing, -15 dBm Pout
dBm
-
45
-
IDD
VDD= +5 Volts
mA
-
120
150
Absolute Maximum Ratings
4,5,6
Parameter
Absolute Maximum
Max Input Power
+12 dBm
Vbias
+10.0 V
Operating Temperature
-20°C to +85°C
Storage Temperature
-65°C to +150°C
Junction Temperature7
150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near these
survivability limits.
6. These operating conditions will ensure MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 62° C/W.
a) For TC = 25°C,
TJ = 62 °C @ 5 V, 120 mA
b) For TC = 85°C,
TJ = 119 °C @ 5 V, 110 mA
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAM-008819

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-008819 MACOM-MAAM-008819 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
M/A-COM Technology Solu...
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
logo
Tyco Electronics
MAAM-008819-001SMB MACOM-MAAM-008819-001SMB Datasheet
251Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
M/A-COM Technology Solu...
MAAM-008819-001SMB MA-COM-MAAM-008819-001SMB Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-008819-001SMB MA-COM-MAAM-008819-001SMB Datasheet
858Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
More results

Similar Description - MAAM-008819

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239_17 Datasheet
970Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239 Datasheet
294Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239_15 Datasheet
924Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451_15 Datasheet
964Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451 Datasheet
346Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451 Datasheet
346Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
Tyco Electronics
MAAM-008819 MACOM-MAAM-008819 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
M/A-COM Technology Solu...
MAAM-008822 MA-COM-MAAM-008822_15 Datasheet
940Kb / 8P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819_15 Datasheet
858Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com