Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP02-16E Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RGP02-16E
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RGP02-16E Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RGP02-16E Datasheet HTML 1Page - EIC discrete Semiconductors RGP02-16E Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGP02-12E // 20E
HIGH VOLTAGE
FAST RECOVERY RECTIFIERS
PRV : 1200 - 2000 Volts
Io : 0.5 Ampere
FEATURES :
* Glass passivated junction
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RGP
02-12E
RGP
02-14E
RGP
02-16E
RGP
02-18E
RGP
02-20E
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
1200
1400
1600
1800
2000
Volts
Maximum RMS Voltage
VRMS
840
980
1120
1260
1400
Volts
Maximum DC Blocking Voltage
VDC
1200
1400
1600
1800
2000
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
IF(AV)
0.5
Amps.
Peak Forward Surge Current 8.3 ms. Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
20
Amps.
Maximum Peak Forward Voltage at 0.5 Amp.
VF
2.5
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
300
ns
Typical Junction Capacitance ( Note 2 )
CJ
5.0
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
UPDATE : APRIL 23, 1998
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - RGP02-16E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RGP02-16E VISHAY-RGP02-16E Datasheet
29Kb / 2P
   Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
logo
General Semiconductor
RGP02-16E GE-RGP02-16E Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP02-16E VISHAY-RGP02-16E Datasheet
82Kb / 2P
   Glass Passivated Junction Fast Switching Rectifier
08-Apr-04
logo
First Components Intern...
RGP02-16E FCI-RGP02-16E Datasheet
122Kb / 2P
   0.5 Amp FAST SWITCHING MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
RGP02-16E BILIN-RGP02-16E Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RGP02-16E

ManufacturerPart #DatasheetDescription
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Formosa MS
R1200F FORMOSA-R1200F Datasheet
34Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R5000F LRC-R5000F_15 Datasheet
214Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
R1200F UNIOHM-R1200F Datasheet
67Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
HFR125 EIC-HFR125 Datasheet
36Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com