Electronic Components Datasheet Search |
|
SST4443 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SST4443 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 4 page http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. Elektronische Bauelemente SST4443 -2.3A , -30V , RDS(ON) 120 mΩ Ω Ω Ω P-Channel Enhancement Mode MOSFET 23-Oct-2013 Rev. A Page 1 of 4 TOP VIEW RoHS Compliant Product A suffix of “-C” specifies halogen and lead-free DESCRIPTION SST4443 utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. The SOT-26 package is universally used for all commercial-industrial applications. FEATURES Simple Drive Requirement Smaller Outline Package Surface mount package MARKING PACKAGE INFORMATION Package MPQ Leader Size SOT-26 3K 7 inch ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified) Parameter Symbol Ratings Unit Drain-Source Voltage VDS -30 V Gate-Source Voltage VGS ±20 V TA=25°C -2.3 Continuous Drain Current 3 TA=70°C ID -1.8 A Pulsed Drain Current 1 IDM -10 A Power Dissipation TA=25°C P D 1.14 W Linear Derating Factor 0.01 W / °C Operating Junction and Storage Temperature Range Tj, Tstg -55~150 °C Thermal Resistance Rating Maximum Junction to Ambient 3 RθJA 110 °C / W 4443 Date Code A H E F L G J K C D B Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 2.70 3.10 G 0.37 REF. B 2.60 3.00 H 0.30 0.55 C 1.20 REF. J - - D 1.40 1.80 K 0.12 REF. E 0.95 REF. L - 0.10 F 0.60 REF. SOT-26 |
Similar Part No. - SST4443 |
|
Similar Description - SST4443 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |