Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE38018 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE38018
Description  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE38018 Datasheet(HTML) 3 Page - California Eastern Labs

  NE38018 Datasheet HTML 1Page - California Eastern Labs NE38018 Datasheet HTML 2Page - California Eastern Labs NE38018 Datasheet HTML 3Page - California Eastern Labs NE38018 Datasheet HTML 4Page - California Eastern Labs NE38018 Datasheet HTML 5Page - California Eastern Labs NE38018 Datasheet HTML 6Page - California Eastern Labs NE38018 Datasheet HTML 7Page - California Eastern Labs NE38018 Datasheet HTML 8Page - California Eastern Labs NE38018 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Power Out
Efficiency
Gain
18
16
14
12
10
8
6
4
2
0
-2
-4
-20
-15
-10
-5
0
5
5
0
10
15
20
25
30
35
40
45
50
POUT @ 1 dB = 17 dBm
Gain @ 1 dB = 16.5 dB
Efficiency @ 1 dB = 38%
PSAT @ 1 dB = 17.5 dBm
OUTPUT POWER, GAIN AND POWER
ADDED EFFICIENCY vs. INPUT POWER
VDS = 3 V, IDS = 20 mA, f = 2 GHz
Input Power, PIN (dBm)
Output Power
IM3
IM5
20
0
-20
-40
-60
-20
-15
-10
-5
0
5
-60
-50
-40
-30
-20
-10
0
OUTPUT POWER AND
INTERMODULATION PRODUCTS
vs. INPUT POWER
VDS = 3 V, IDS = 20 mA, f = 2 GHz
Input Power, PIN (dBm)
120
100
80
40
20
60
0.00
0.00
1.0
2.0
4.0
3.0
5.0
0.12 V
0.18 V
0.24 V
0.30 V
0.36 V
0.42 V
0.06 V
VGS = 0.00 V
DC PERFORMANCE
Drain Voltage, VDS (V)
100
80
60
40
20
0.00
0.00
60
120
180
240
300
-800
-600
-400
-200
0.00
IDSS = 97 mA
GM = 80 mS
2 V, 5 mA
DRAIN CURRENT AND TRANSCONDUCTANCE
vs. GATE TO SOURCE VOLTAGE
Gate to Source Voltage, VGS (mV)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE38018


Similar Part No. - NE38018

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
NE38018 NEC-NE38018 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
Renesas Technology Corp
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
NEC
NE38018-T1 NEC-NE38018-T1 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE38018-T1 RENESAS-NE38018-T1 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
More results

Similar Description - NE38018

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com