Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE32584 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE32584
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE32584 Datasheet(HTML) 3 Page - California Eastern Labs

  NE32584 Datasheet HTML 1Page - California Eastern Labs NE32584 Datasheet HTML 2Page - California Eastern Labs NE32584 Datasheet HTML 3Page - California Eastern Labs NE32584 Datasheet HTML 4Page - California Eastern Labs NE32584 Datasheet HTML 5Page - California Eastern Labs NE32584 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
NE32584C
VDS = 2 V, IDS = 10 mA
FREQUENCY
S11
S21
S12
S22
K
MAG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.100
1.001
-1.75
5.202
178.07
0.001
83.90
0.587
-1.59
-0.075
37.162
0.200
1.001
-3.60
5.189
176.33
0.003
86.02
0.585
-3.13
-0.025
32.380
0.500
0.998
-8.95
5.178
170.78
0.008
83.30
0.585
-7.50
0.047
28.111
1.000
0.989
-17.72
5.128
161.98
0.015
76.85
0.581
-14.91
0.118
25.339
2.000
0.967
-34.63
5.013
145.12
0.030
64.62
0.576
-28.90
0.188
22.230
3.000
0.943
-50.81
4.865
128.82
0.043
53.33
0.567
-42.28
0.235
20.536
4.000
0.907
-66.71
4.703
112.71
0.054
42.06
0.554
-55.03
0.312
19.400
5.000
0.857
-81.86
4.493
97.04
0.062
31.40
0.531
-66.77
0.426
18.601
6.000
0.800
-96.39
4.297
82.71
0.069
21.97
0.503
-77.55
0.541
17.943
7.000
0.755
-110.25
4.143
69.20
0.075
13.52
0.483
-87.72
0.618
17.423
8.000
0.725
-124.55
4.068
55.99
0.081
5.09
0.470
-97.81
0.646
17.009
9.000
0.683
-138.37
3.994
42.58
0.084
-3.80
0.453
-106.93
0.724
16.771
10.000
0.663
-154.60
4.017
28.11
0.089
-12.63
0.431
-116.85
0.734
16.545
11.500
0.585
178.24
3.849
6.85
0.091
-26.79
0.359
-134.35
0.900
16.263
12.000
0.565
168.24
3.790
-0.46
0.090
-31.63
0.335
-140.87
0.960
16.244
13.000
0.551
148.32
3.720
-13.97
0.090
-41.14
0.300
-157.16
1.000
16.163
14.000
0.548
129.66
3.669
-28.93
0.089
-52.52
0.281
-173.11
1.029
15.113
15.000
0.560
112.17
3.652
-44.37
0.087
-64.18
0.276
171.08
1.025
15.253
16.000
0.565
94.50
3.557
-60.11
0.085
-76.05
0.274
154.07
1.052
14.824
17.000
0.565
76.97
3.448
-74.93
0.084
-89.05
0.259
135.78
1.101
14.196
18.000
0.575
60.33
3.357
-89.44
0.082
-103.35
0.263
116.62
1.120
14.012
Note:
1. Gain Calculation:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Coordinates in Ohms
Frequency in GHz
(VDS = 2 V, IDS = 10 mA)
NE32584C
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0
10
25
50
j10
j25
j50
j100
-j10
-j25
-j50
-j100
S11
.1 GHz
S22
20 GHz
S22
.1 GHz
S11
20 GHz
100
5
4
3
2
1
.1
.
06
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
S12
.1 GHz
S21
.1 GHz
S12
20 GHz
S21
20 GHz


Similar Part No. - NE32584

ManufacturerPart #DatasheetDescription
logo
NEC
NE32584 NEC-NE32584 Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE32584C NEC-NE32584C Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE32584C NEC-NE32584C Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-S NEC-NE32584C-S Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-SL NEC-NE32584C-SL Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE32584

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com