Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE94430 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE94430
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE94430 Datasheet(HTML) 2 Page - California Eastern Labs

  NE94430 Datasheet HTML 1Page - California Eastern Labs NE94430 Datasheet HTML 2Page - California Eastern Labs NE94430 Datasheet HTML 3Page - California Eastern Labs NE94430 Datasheet HTML 4Page - California Eastern Labs NE94430 Datasheet HTML 5Page - California Eastern Labs NE94430 Datasheet HTML 6Page - California Eastern Labs NE94430 Datasheet HTML 7Page - California Eastern Labs NE94430 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Collector to Base Voltage, VCB (V)
TYPICAL DEVICE CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
30
VCEO
Collector to Emitter Voltage
V
15
VEBO
Emitter to Base Voltage
V
3.0
IC
Collector Current
mA
50
TJ
Junction Temperature
NE94432, NE94433
°C
125
NE94430
°C
150
TSTG
Storage Temperature
°C
-55 to +125
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector Current, IC (mA)
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
NE944 SERIES
0
25
50
75
100
125
150
300
250
200
150
100
50
0
NE94430
NE94433
FREE AIR
FREE AIR
0.5
1
5
10
50
200
100
92
10
20
50
VCE = 10 V
VCE = 3 V
3
2
1
0.7
0.3
0.2
0.1
5
0.5
0.5 0.7
2
3
5
7 10
20
30
50
1
VCE = -5 V
f = 1.0 MHz
1
2
3
5
7
10
20
30
3
2
1
0.7
0.5
0.3
0.2
0.1


Similar Part No. - NE94430

ManufacturerPart #DatasheetDescription
logo
NEC
NE94430 NEC-NE94430 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94430-T2 NEC-NE94430-T2 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94430-T2 NEC-NE94430-T2 Datasheet
61Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
More results

Similar Description - NE94430

ManufacturerPart #DatasheetDescription
logo
NEC
NE944 NEC-NE944 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94433-T1B-A NEC-NE94433-T1B-A Datasheet
61Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
ON Semiconductor
NSF2250WT1 ONSEMI-NSF2250WT1_06 Datasheet
83Kb / 10P
   NPN Silicon Oscillator and Mixer Transistor
April, 2006 ??Rev. 5
logo
NEC
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NTE Electronics
NTE229 NTE-NTE229 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Oscillator, Mixer, IF Amp
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
logo
NEC
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
   UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com