Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32921CD Datasheet(PDF) 3 Page - EPCOS

Part # B32921CD
Description  EMI Suppression Capacitors (MKP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921CD Datasheet(HTML) 3 Page - EPCOS

  B32921CD Datasheet HTML 1Page - EPCOS B32921CD Datasheet HTML 2Page - EPCOS B32921CD Datasheet HTML 3Page - EPCOS B32921CD Datasheet HTML 4Page - EPCOS B32921CD Datasheet HTML 5Page - EPCOS B32921CD Datasheet HTML 6Page - EPCOS B32921CD Datasheet HTML 7Page - EPCOS B32921CD Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
22.5 mm
27.5 mm
37.5 mm
Type
B32921
B32922
B32923
B32924
B32926
CR (
µF)
0.010
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
B32921C/D ... B32926C/D
X2 / 305 VAC
Page 3 of 8
Please read Important notes
at the end of this document.


Similar Part No. - B32921CD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32921C EPCOS-B32921C Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3103 EPCOS-B32921C3103 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921C3103 TDK-B32921C3103 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103189 EPCOS-B32921C3103189 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3103289 EPCOS-B32921C3103289 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32921CD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com