Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32926CD Datasheet(PDF) 2 Page - EPCOS

Part # B32926CD
Description  EMI Suppression Capacitors (MKP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32926CD Datasheet(HTML) 2 Page - EPCOS

  B32926CD Datasheet HTML 1Page - EPCOS B32926CD Datasheet HTML 2Page - EPCOS B32926CD Datasheet HTML 3Page - EPCOS B32926CD Datasheet HTML 4Page - EPCOS B32926CD Datasheet HTML 5Page - EPCOS B32926CD Datasheet HTML 6Page - EPCOS B32926CD Datasheet HTML 7Page - EPCOS B32926CD Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Typical applications
X2 class for interference suppression
"Across the line" applications
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 40/105/56
Construction
Dielectric: polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very small dimensions
Self-healing properties
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
cap. tolerance (code letter),
rated AC voltage,
series number, sub-class (X2),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For taping details, refer to chapter
"Taping and packing"
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32921
15
0.8
B32922
22.5
0.8
B32923
27.5
0.8
B32924
37.5
1.0
B32926
Marking Examples
= 10 mm
≥ 15 mm/C
R
≤1 µF
= 22.5, 27.5,
37 mm/CR>1
µF
Approvals
Marks of conformity
Standards
Certificate
EN 132400, IEC 60384-14
40010694
UL 1414 / UL 1283
E97863 / E157153
CSA C22.2 No.1 / No. 8
E97863 / E157153 (approved by UL)
CQC (GB/T 14472-1998)
CQC001007-14859
EMI suppression capacitors (MKP)
B32921C/D ... B32926C/D
X2 / 305 VAC
Page 2 of 8
Please read Important notes
at the end of this document.


Similar Part No. - B32926CD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32926C3106 EPCOS-B32926C3106 Datasheet
356Kb / 17P
   Film Capacitors
B32926C3106K000 EPCOS-B32926C3106K000 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32926C3106K189 EPCOS-B32926C3106K189 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32926C3106K289 EPCOS-B32926C3106K289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32926C3106M000 EPCOS-B32926C3106M000 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32926CD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com