Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-10BRL Datasheet(PDF) 6 Page - STMicroelectronics

Part # BZW06-10BRL
Description  PEAK PULSE POWER 600 W (10/1000ms)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-10BRL Datasheet(HTML) 6 Page - STMicroelectronics

  BZW06-10BRL Datasheet HTML 1Page - STMicroelectronics BZW06-10BRL Datasheet HTML 2Page - STMicroelectronics BZW06-10BRL Datasheet HTML 3Page - STMicroelectronics BZW06-10BRL Datasheet HTML 4Page - STMicroelectronics BZW06-10BRL Datasheet HTML 5Page - STMicroelectronics BZW06-10BRL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BZW06-xx
6/6
Packaging : standard packaging is in tape and reel.
PACKAGE MECHANICAL DATA
DO-15 (Plastic)
Weight = 0.4 g.
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
A
C
C
D
B
BZW
06
-
10
B
RL
600W
STAND-OFF VOLTAGE
BIDIRECTIONAL
No suffix: Unidirectional
PACKAGING:
‘ ‘ = Ammopack tape
‘RL’ = Tape & reel
ORDER


Similar Part No. - BZW06-10BRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-10B STMICROELECTRONICS-BZW06-10B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-10B EIC-BZW06-10B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-10B TSC-BZW06-10B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06-10B BILIN-BZW06-10B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-10B TAYCHIPST-BZW06-10B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-10BRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
   Up to 600 W Peak Power
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Guangdong Youtai Semico...
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
   300 W peak pulse power (tp = 8/20μs)
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
   250 W peak pulse power (tp =8/20μs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com