Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2412HS1U Datasheet(PDF) 2 Page - Sensitron

Part # B2412HS1U
Description  Fixed Input, 3000V Isolation, Unregulated, Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

B2412HS1U Datasheet(HTML) 2 Page - Sensitron

  B2412HS1U Datasheet HTML 1Page - Sensitron B2412HS1U Datasheet HTML 2Page - Sensitron B2412HS1U Datasheet HTML 3Page - Sensitron B2412HS1U Datasheet HTML 4Page - Sensitron B2412HS1U Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SENSITRON
B – 1W/2W Series
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1101, REV. A
B Single Output-1W/2W Series Part Number List
Input
Output
Power
SIP-1W
SIP-2W
DIP-1W
DIP-2W
B0505HS1U
B0505HS2U
B0505HD1U
B0505HD2U
B0509HS1U
B0509HS2U
B0509HD1U
B0509HD2U
B0512HS1U
B0512HS2U
B0512HD1U
B0512HD2U
5Vdc
B0515HS1U
B0515HS2U
B0515HD1U
B0515HD2U
B1205HS1U
B1205HS2U
B1205HD1U
B1205HD2U
B1209HS1U
B1209HS2U
B1209HD1U
B1209HD2U
B1212HS1U
B1212HS2U
B1212HD1U
B1212HD2U
12Vdc
B1215HS1U
B1215HS2U
B1215HD1U
B1215HD2U
B2405HS1U
B2405HS2U
B2405HD1U
B2405HD2U
B2409HS1U
B2409HS2U
B2409HD1U
B2409HD2U
B2412HS1U
B2412HS2U
B2412HD1U
B2412HD2U
24Vdc
5V/200m A
9V/111m A
12V/84m A
15V/67m A
5V/400m A
9V/222m A
12V/167m A
15V/133m A
1.00W
1.00W
1.00W
1.00W
2.00W
2.00W
2.00W
2.00W
B2415HS1U
B2415HS2U
B2415HD1U
B2415HD2U
PIN CONFIGURATION
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
BxxyyHS1/2U PACKAGE DIMENSIONS
BxxyyHD1/2U PACKAGE DIMENSIONS


Similar Part No. - B2412HS1U

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B2412(X)T-1W MORNSUN-B2412(X)T-1W Datasheet
177Kb / 5P
   DC/DC Converter
B2412(X)T-2W MORNSUN-B2412(X)T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
B2412(X)T-2W MORNSUN-B2412(X)T-2W Datasheet
530Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
logo
DB Lectro Inc
B2412BAA1 DBLECTRO-B2412BAA1 Datasheet
259Kb / 1P
   FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B2412BAB1 DBLECTRO-B2412BAB1 Datasheet
259Kb / 1P
   FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
More results

Similar Description - B2412HS1U

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
3S4A-1UP GAPTEC-3S4A-1UP Datasheet
819Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S4A GAPTEC-3S4A Datasheet
361Kb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
3S7A GAPTEC-3S7A Datasheet
1Mb / 3P
   3W Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com