Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV4201TD-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAV4201TD-GT3
Description  350 mA High Efficiency Step Down LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV4201TD-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAV4201TD-GT3 Datasheet HTML 1Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 2Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 3Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAV4201
http://onsemi.com
5
TYPICAL OPERATION CHARACTERISTICS
(VIN = 13 V, ILED = 300 mA, L = 22 mH, C1 = 4.7 mF, C2 = 10 mF, TAMB = 25°C unless otherwise specified)
Figure 14. Efficiency vs. LED Current
Figure 15. LED Current Regulation vs.
Temperature
LED CURRENT (mA)
TEMPERATURE (°C)
350
300
250
200
150
100
70
75
80
85
90
95
100
120
80
40
0
−40
−10
−8
−4
−2
2
4
8
10
Figure 16. LED Current vs. Input Voltage
(1 LED)
Figure 17. LED Current vs. Input Voltage
(2 LEDs)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
24
28
20
16
12
8
4
0
0
50
100
150
200
250
300
350
24
28
20
16
12
8
4
0
0
50
100
150
200
250
300
350
Figure 18. Switching Waveforms
Figure 19. CTRL Power−up
2 ms/div
40 ms/div
SW
5V/div
Inductor
Current
200mA/
div
CTRL
5V/div
LED
Current
200mA/
div
1 LED
2 LEDs
−6
0
6
VIN = 13 V
VF = 3.3 V
VF = 3.1 V
300 mA
150 mA
VF = 3.3 V
VF = 3.1 V
300 mA
150 mA


Similar Part No. - CAV4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
   Converter IC for Capacitive Signals
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
   C/U transducer IC with adjustable output voltage
logo
WOLFSPEED, INC.
CAV424 WOLFSPEED-CAV424 Datasheet
573Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014 Rev. 3.0
logo
Analog Microelectronics...
CAV424 ANALOGMICRO-CAV424 Datasheet
574Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014
More results

Similar Description - CAV4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com