Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV4201TD-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAV4201TD-GT3
Description  350 mA High Efficiency Step Down LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV4201TD-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAV4201TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 11Page - ON Semiconductor CAV4201TD-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAV4201
http://onsemi.com
10
Figure 25. LED Current vs. Duty Cycle
0
50
100
150
200
250
300
0
20
40
60
80
100
DUTY CYCLE [%]
Figure 26. Circuit for PWM on CTRL
RSET
SW
GND
CAV4201
VBAT
VBAT
PWM
control
4.7 mF
C1
10 mF
C2
NPN
L
D
12 V
0 V
5 V
CTRL
22 mH
1 kW
R5
47 kW
R1
10 kW
R2
Q1
1 kW
R4
PWM on RSET Pin
Another dimming method is to place in parallel to R1
another resistor with a FET in series, as shown on Figure 27.
R1 sets the minimum LED current corresponding to 0% duty
cycle. The combined resistor of R1 and Rmax sets the
maximum LED current corresponding to 100% duty cycle.
Figure 27. Circuit for PWM on RSET
RSET
SW
GND
CAV4201
VBAT
VBAT
PWM
control
Rmax
4.7 mF
C1
10 mF
C2
NPN
R1
L
D
13 V
CTRL
22 mH
1 kW
R2
Q1
OFF ON
A resistor value for R1 of less than 90 k
W is recommended
to provide better accuracy.
Operation from High Supply Voltage Above 14 V
For operation from a supply voltage above 14 V, it is
recommended to have a slew rate of 1
ms or more for every
5 V increase in VBAT supply. When using a high supply
voltage of 24 V, a 1
W or 2 W resistor in series with the supply,
as shown on Figure 28, is recommended to limit the slew rate
of the supply voltage. A 4.7
mF minimum ceramic capacitor
is placed between the VBAT pin and ground. The
combination of the series resistor R3 and input capacitor C1
acts as a low pass filter limiting the excessive in−rush
currents and overvoltage transients which would otherwise
occur during “hot−plug” conditions, thereby protecting the
CAV4201 driver.
CTRL SW
GND
CAV4201
VBAT
VBAT
4.7 mF
C1
4.7 mF
C2
R1
R1
10 kW
1 kW
R3
1 W
L
D1
24 V
RSET
33 mH
300 mA
Figure 28. 24 V Application with 5 LEDs
Operation from High Supply Voltage of 36 V
When powering from a high supply voltage of 36 V, a 2
W
resistor in series with the supply is recommended, as shown
on Figure 29, to limit the slew rate of the supply voltage.
Inductor value should be 33
mH or higher.
CTRL SW
GND
CAV4201
VBAT
VBAT
4.7 mF
C1
2.2 mF
C2
R1
R2
10 kW
1 kW
R3
2 W
L
D1
36 V
RSET
47 mH
300 mA
Figure 29. 36 V Application with 6 LEDs
Parallel Configuration for Driving LEDs Beyond
350 mA
Several CAV4201 devices can be connected in parallel for
driving LEDs with current in excess of 350 mA. The
CAV4201 driver circuits are connected to the same LED
cathode. Figure 30 shows the application schematic for
driving 1 A into one LED with three CAV4201 connected in
parallel. Each CAV4201 is driving the LED with a current
set by its RSET resistor. The resulting LED current is equal
to the sum of each driver current.


Similar Part No. - CAV4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
   Converter IC for Capacitive Signals
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
   C/U transducer IC with adjustable output voltage
logo
WOLFSPEED, INC.
CAV424 WOLFSPEED-CAV424 Datasheet
573Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014 Rev. 3.0
logo
Analog Microelectronics...
CAV424 ANALOGMICRO-CAV424 Datasheet
574Kb / 14P
   C/V-converter for single and differential capacitive input signals
July 2014
More results

Similar Description - CAV4201TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com